Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLMAG2GEND-B031 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KLMAG2GEND-B031
Description  e쨌MMC Product family
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KLMAG2GEND-B031 Datasheet(HTML) 4 Page - Samsung semiconductor

  KLMAG2GEND-B031 Datasheet HTML 1Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 2Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 3Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 4Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 5Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 6Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 7Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 8Page - Samsung semiconductor KLMAG2GEND-B031 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
- 4 -
IF THERE IS ANY OTHER OPERATION TO IMPLEMENT IN ADDITION TO SPECIFICATION
IN THE DATASHEET OR JEDEC STANDARD, PLEASE CONTACT EACH BRANCH OFFICE OR
HEADQUARTERS OF SAMSUNG ELECTRONICS.
datasheet
e·MMC
Preliminary Rev. 0.6
KLMxGxGEND-B031
SAMSUNG CONFIDENTIAL
INTRODUCTION
SAMSUNG e·MMC is an embedded MMC solution designed in a BGA package form. e·MMC operation is identical to a MMC device and therefore is a
simple read and write to memory using MMC protocol v5.0 which is a industry standard.
e·MMC consists of NAND flash and a MMC controller. 3V supply voltage is required for the NAND area (VDDF or VCC) whereas 1.8V or 3V dual supply
voltage (VDD or VCCQ) is supported for the MMC controller. SAMSUNG e•MMC supports 200MHz DDR – up to 400MBps with bus widths of 8 bit in order
to improve sequential bandwidth, especially sequential read performance.
There are several advantages of using e·MMC. It is easy to use as the MMC interface allows easy integration with any microprocessor with MMC host.
Any revision or amendment of NAND is invisible to the host as the embedded MMC controller insulates NAND technology from the host. This leads to
faster product development as well as faster times to market.
The embedded flash management software or FTL(Flash Transition Layer) of e·MMC manages Wear Leveling, Bad Block Management and ECC. The
FTL supports all features of the Samsung NAND flash and achieves optimal performance.
1.0 PRODUCT LIST
[Table 1] Product List
2.0 KEY FEATURES
embedded MultiMediaCard Ver. 5.0 compatible. Detail description is referenced by JEDEC Standard
SAMSUNG e·MMC supports features of eMMC5.0 which are defined in JEDEC Standard
- Supported Features : Packed command, Cache, Discard, Sanitize, Power Off Notification, Data Tag,
Partition types, Context ID, Real Time Clock, Dynamic Device Capacity, HS200
- Non-supported Features : Large Sector Size (4KB)
 Additional feature : HS400 mode (200MHz DDR - up to 400Mbps)
 Full backward compatibility with previous MultiMediaCard system specification (1bit data bus, multi-e·MMC systems)
 Data bus width : 1bit (Default), 4bit and 8bit
 MMC I/F Clock Frequency : 0 ~ 200MHz
MMC I/F Boot Frequency : 0 ~ 52MHz
 Temperature : Operation (-25C ~ 85C), Storage without operation (-40C ~ 85C)
 Power : Interface power → VDD(VCCQ) (1.70V ~ 1.95V or 2.7V ~ 3.6V) , Memory power → VDDF(VCC) (2.7V ~ 3.6V)
Capacities
e·MMC Part ID
NAND Flash Type User Density (%)
Power System
Package size
Pin Configuration
8GB
KLM8G1GEND-B031
64Gb MLC x 1
91.0%
- Interface power :
VDD (1.70V ~ 1.95V or
2.7V ~ 3.6V)
- Memory power :
VDDF (2.7V ~ 3.6V)
11.5mm x 13mm x 0.8mm
153FBGA
16 GB
KLMAG2GEND-B031
64Gb MLC x 2
32 GB
KLMBG4GEND-B031
64Gb MLC x 4
11.5mm x 13mm x 1.0mm
64 GB
KLMCG8GEND-B031
64Gb MLC x 8


Similar Part No. - KLMAG2GEND-B031

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KLMAG2WEMB-B031 SAMSUNG-KLMAG2WEMB-B031 Datasheet
405Kb / 25P
   e.MMC 5.0 Specification compatibility
More results

Similar Description - KLMAG2GEND-B031

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N2M400FDB311A3CE MICRON-N2M400FDB311A3CE Datasheet
383Kb / 19P
   e쨌MMC??Memory
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
   HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com