Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0231N Datasheet(PDF) 11 Page - Samsung semiconductor

Part # SP0231N
Description  HARD DISK DRIVE service manual
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SP0231N Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button SP0231N Datasheet HTML 7Page - Samsung semiconductor SP0231N Datasheet HTML 8Page - Samsung semiconductor SP0231N Datasheet HTML 9Page - Samsung semiconductor SP0231N Datasheet HTML 10Page - Samsung semiconductor SP0231N Datasheet HTML 11Page - Samsung semiconductor SP0231N Datasheet HTML 12Page - Samsung semiconductor SP0231N Datasheet HTML 13Page - Samsung semiconductor SP0231N Datasheet HTML 14Page - Samsung semiconductor SP0231N Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
PALO
11
SAMSUNG HARD DISK DRIVE
6. Maintenance Cylinder Configuration
File Name
Size
Cyl
Sector
Ref ID
Descriptions
FSI
1
0
1
File System Information record
FSI2
Backup copy of FSI
FIT
4
0
2
File Information Table
FIT2
Backup copy of FIT
MLIST
1
0
6
M_LIST
Maintenance Cylinder Defect List
SV_TBL
3
0
7
SVOTBL
Servo Table
CONFIG
2
1
1
CONFIG
System Configuration Data
SERIALNO
2
1
3
SERNUM
Serial Number
BI_SCRPT
4
1
5
BISCRT
Burn-In Script
BI_RESLT
1
1
10
BIRSLT
Burn-In Result
BI_CRTRA
1
1
11
CRITER
Burn-In Criteria
FNL_TEST
8
1
12
FNLTST
Final Test
CHN_TBL
8
1
30
CHTBL0
Channel Table
GEO_TBL
32
1
46
GEOTBL
Drive Geometry Table
VLIST_H
1
1
78
VLSTHD
Servo Defect List header
VLIST
16
1
79
V_LIST
Servo Defect List
SLIST_H
1
1
111
SLSTHD
Slip Sector List Header
SLIST
128
1
112
S_LIST
Slip sector list
TLIST
2
1
368
T_LIST
Track Defect List
RLIST
6
1
372
R_LIST
Reassign List
TMPRTURE
1
1
380
TMPREC
Temperature Measurement Data
SET_MAX
1
1
381
SETMAX
Set max LBA number
SECURITY
1
1
382
SECUTY
Security data
SV_TBL2
3
1
383
SVBKUP
Servo table backup
CHN_TB2
8
1
386
CHTBL1
Channel table backup
OVERLAY
400
1
401
OVRLAY
Overlay firmware code
BI_TIME
1
4
55
BITIME
Burn-In test time
ER_CNT
1
4
59
ERRCNT
Burn-in error count
SV_ERCNT
1
4
60
SVECNT
Burn-in servo error count
SCN_GRAY
1
4
61
SCNGRY
Scan gray data
PAR_MON
10
4
62
PARMON
Burn-in channel parameter monitor
WK_HEAD
10
4
72
WKHEAD
Weak head data
TPI_WRW
4
4
82
TPIWRW
Burnin TPI measurement data
MR_TUNE
5
4
86
MRTUNE
MR head tune data
DLIST
256
4
91
D_LIST
Primary defect list
TST_GEO
84
4
347
TSTGEO
Geometry table for test/select TPI/BPI
TST_ZH
64
4
431
TST_ZH
Channel table for BPI test
GEO_ZH
16
4
495
GEO_ZH
BPI test results
AZL_BPI
1
4
521
ADTBPI
SMRT
8
11
1
SMRTBL
Smart data
SMRT_LOG
4
11
2
SMRTLG
Smart log
SMRT_WTS
5
11
9
SMRTWT
Smart write test
SMRT_HLG
512
11
14
SMTHLG
Smarthostlog
BIAS_SHK
200
11
526
BIASHK
Bias shock data
END-FIT
End of Record


Similar Part No. - SP0231N

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SP02 ITT-SP02 Datasheet
160Kb / 2P
   Single In-line Package Switches
logo
C&K Components
SP02 CK-COMPONENTS-SP02 Datasheet
166Kb / 2P
   Single In-line Package Switches
2006
logo
Littelfuse
SP0201B-ELC-01UTG LITTELFUSE-SP0201B-ELC-01UTG Datasheet
963Kb / 5P
   Enhanced ESD Discrete TVS Series
2016 Littelfuse, Inc
SP0201B-ULC-01UTG LITTELFUSE-SP0201B-ULC-01UTG Datasheet
1Mb / 5P
   TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
SP0201U-ELC-01UTG LITTELFUSE-SP0201U-ELC-01UTG Datasheet
963Kb / 5P
   Enhanced ESD Discrete TVS Series
2016 Littelfuse, Inc
More results

Similar Description - SP0231N

ManufacturerPart #DatasheetDescription
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
logo
AAEON Technology
9741692005 AAEON-9741692005 Datasheet
113Kb / 1P
   Standard 3.5??IDE Hard Disk Drive
logo
Schneider Electric
HMIYHDD050011 SCHNEIDER-HMIYHDD050011 Datasheet
136Kb / 1P
   Hard disk, Harmony iPC, Drive 500Go
May 6, 2022
logo
STMicroelectronics
HDP01-0512N STMICROELECTRONICS-HDP01-0512N Datasheet
86Kb / 6P
   HARD DISK DRIVE POWER SUPPLY PROTECTION
logo
AAEON Technology
9741666643 AAEON-9741666643 Datasheet
132Kb / 1P
   Supports Standard 2.5??Hard Disk Drive
logo
STMicroelectronics
L6245 STMICROELECTRONICS-L6245 Datasheet
191Kb / 15P
   5V HARD DISK DRIVE POWER COMBO
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
   System regulator for hard disk drive systems
logo
Schneider Electric
HMIYHDD01T21 SCHNEIDER-HMIYHDD01T21 Datasheet
136Kb / 2P
   Hard disk, Harmony iPC, Drive 1TB Blank
May 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com