Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9204M Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TC9204M
Description  4-Port 10/100/1000 Smart Ethernet Switch
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204M Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TC9204M Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9204M Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TC9204M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
147
VLANPrMap0
I/Opu VLAN priority mapping
This configuration chooses between 4 hard-wired mapping schemes
for the associations of VLAN priority within the received packet and
one of the 4 priority levels set by PriClass. The resolution function is
used for the final priority class if the receiving port already has a
priority level assigned by PriClass configuration, or the VLAN
prioritization is active.
VLANPrMap(0)is latched on reset.
148
Vss 3.3
G
Digital ground for I/O
149
Gnd
I
150
Vdd 2.0
P
Digital +2.0V power supply for core
151
Gnd
I
152
NC
NA
Reserved for future use
153
NC
NA
Reserved for future use
154
NC
NA
Reserved for future use
155
NC
NA
Reserved for future use
156
NC
NA
Reserved for future use
Txd47
GMII transmit data - bit 7
157
BcstThrot
I/Opd
Enables broadcast throttling.
'1' – Enable
'0' – Disable
BcstThrot is latched on reset.
158
Txd46
I/Opd GMII transmit data - bit 6
Txd45
GMII transmit data - bit 5
159
FcBcstMode
I/Opd
This pin changes the flow control threshold’s behaviour if pin 160 is
set to logic 1 (It enables broadcast function).
'1' – only the flow control threshold on the broadcast queue is considered
'0' – flow control thresholds associated to each source port originating the
broadcast frames are considered FCBcstMode is latched on reset.
Txd44
GMII transmit data - bit 4
160
FcBcstEn
I/Opd
Enables/disables flow control for broadcast packets.
'1' – enabled
'0' – disabled
FcBcstEn is latched on reset.
161
Txd43
I/Opd GMII/MII transmit data - bit 3
162
Vss 2.0
G
Digital ground for core
163
Txd42
I/Opd GMII/MII transmit data - bit 2
Txd41
GMII/MII transmit data - bit 1
164
Priclass41
I/Opd
Priority class - most significant bit.
PriClass[4] is latched on reset.
Confidential.
11/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05


Similar Part No. - TC9204M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
   Indoor Camera Mounts
1998
logo
Toshiba Semiconductor
TC9203 TOSHIBA-TC9203 Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
TC9203F TOSHIBA-TC9203F Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
TC9203P TOSHIBA-TC9203P Datasheet
504Kb / 12P
   PLL MOTOR CONTROL FOR FDD
logo
List of Unclassifed Man...
TC9205M ETC1-TC9205M Datasheet
1Mb / 51P
   5-Port 10/100/1000 Smart Ethernet Switch
More results

Similar Description - TC9204M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9205M ETC1-TC9205M Datasheet
1Mb / 51P
   5-Port 10/100/1000 Smart Ethernet Switch
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
   8-Port 10/100/1000 Smart Ethernet Switch
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
Black Box Registered Tr...
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
logo
Vitesse Semiconductor C...
VSC7376 VITESSE-VSC7376 Datasheet
422Kb / 2P
   HawX-G26??- 26-Port 10/100/1000 Managed L2 Ethernet Switch
VSC7374 VITESSE-VSC7374 Datasheet
422Kb / 2P
   HawX-G24??- 24-Port 10/100/1000 Managed L2 Ethernet Switch
VSC7372 VITESSE-VSC7372 Datasheet
421Kb / 2P
   HawX-G16??- 16-Port 10/100/1000 Managed L2 Ethernet Switch
logo
Zarlink Semiconductor I...
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com