Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AHC14Q-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AHC14Q-Q1
Description  HEX SCHMITT-TRIGGER INVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74AHC14Q-Q1 Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74AHC14Q-Q1
HEX SCHMITT-TRIGGER INVERTER
SGDS016 – FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.4
V
VOH(V)
Quiet output, minimum dynamic VOH
4.6
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
9
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
CD74ACT14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SL74LS14Hex Schmitt-Trigger Inverter 1 2 3 4 System Logic Semiconductor
SN74AUC14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
IN74HCT14AHEX SCHMITT-TRIGGER INVERTER 1 2 3 4 Integral Corp.
MC74HCT14AHex Schmitt-Trigger Inverter with LSTTL Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
SL74LV14Hex Schmitt-Trigger Inverter 1 2 3 4 5 MoreSystem Logic Semiconductor
IN74HC14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.
CD74AC14HEX SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SL74HC14Hex Schmitt-Trigger Inverter 1 2 3 4 System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn