Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4558 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 4558
Description  DUAL OPERATIONAL AMPLIFIER-YD4558
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4558 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4558 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4558 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4558 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
YD4558
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
±18
V
Differential Input Voltage
VI(DIFF)
±30
V
DIP8
500
Power
Dissipation
SOP8
PD
250
mW
D terminal Output Voltage
VI
±15
V
Operating Temperature
Topr
-20~+75
Storage Temperature
Tstg
-40~+125
ELECTRICAL CHARACTERISTICS
(Vcc=15V, Vee=-15V, Tamb=25℃,Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply Current
ICC
4.0
6.0
mA
Input Offset Voltage
VIO
RS<10kΩ
0.5
6
mV
Input Offset Current
IIO
5
200
nA
Input Bias Current
IBIAS
25
500
nA
Large Signal Voltage Gain
Avo
Vo(p-p)=10V,
RL<2kΩ
86
100
dB
Common Mode Input
Voltage Range
VICM
±12
±14
V
Common Mode Rejection
Ratio
KCMR
RS<10kΩ
70
90
dB
Supply Voltage Rejection Ratio
KSVR
RS<10kΩ
76.5
90
dB
Output Voltage Swing
Vo(p-p)
RS>10kΩ
±12
±14
V
Slew Rate
SR
Vi=20mV, RL>2kΩ,
CL<100p
1.0
V/μs
Rise Time
TRIS
Vi=20mV, RL>2kΩ,
CL<100p
0.3
μs
Overshoot
OS
Vi=20mV, RL>2kΩ,
CL<100p
15
%
WuXi YouDa Electronics Co., Ltd
2 of 3
Website: www.e-youda.com


Similar Part No. - 4558

ManufacturerPart No.DatasheetDescription
Wuxi Youda electronics Co.,LTD
Wuxi Youda electronics ...
4558 YOUDA-4558 Datasheet
80Kb / 3P
   DUAL OPERATIONAL AMPLIFIER
RAF ELECTRONIC HARDWARE
RAF ELECTRONIC HARDWARE
4558-632-AL RAF-4558-632-AL Datasheet
83Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4558-632-SS RAF-4558-632-SS Datasheet
83Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4558-832-AL RAF-4558-832-AL Datasheet
95Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4558-832-S RAF-4558-832-S Datasheet
95Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4558

ManufacturerPart No.DatasheetDescription
GTM CORPORATION
GTM CORPORATION
GP4558 GTM-GP4558 Datasheet
206Kb / 4P
   DUAL OPERATIONAL AMPLIFIER
GPLM358 GTM-GPLM358 Datasheet
214Kb / 4P
   DUAL OPERATIONAL AMPLIFIER
Rohm
Rohm
BA715 ROHM-BA715 Datasheet
173Kb / 3P
   Dual Operational Amplifier
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
TS2904 TSC-TS2904 Datasheet
168Kb / 6P
   Dual Operational Amplifier
Siemens Semiconductor Group
Siemens Semiconductor G...
TAA2762 SIEMENS-TAA2762 Datasheet
179Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
Ceramate Technical
Ceramate Technical
CO4580 CERAMATE-CO4580 Datasheet
957Kb / 6P
   Dual Operational Amplifier
Toshiba Semiconductor
Toshiba Semiconductor
TA75062P TOSHIBA-TA75062P Datasheet
314Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
TA75W01FU TOSHIBA-TA75W01FU Datasheet
208Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
Fairchild Semiconductor
Fairchild Semiconductor
KA1458 FAIRCHILD-KA1458 Datasheet
69Kb / 10P
   Dual Operational Amplifier
Unisonic Technologies
Unisonic Technologies
MC4560 UTC-MC4560_08 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz