Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5KE220CA Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 1.5KE220CA
Description  1500 Watt Mosorb Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

1.5KE220CA Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
February, 2002 – Rev. 2
1
Publication Order Number:
1.5KE6.8CA/D
1.5KE6.8CA Series
1500 Watt Mosorb™ Zener
Transient Voltage Suppressors
Bidirectional*
Mosorb devices are designed to protect voltage sensitive
components from high voltage, high–energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. These devices are
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic axial leaded package and are ideally-suited for use in
communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many
other industrial/ consumer applications, to protect CMOS, MOS and
Bipolar integrated circuits.
Specification Features:
Working Peak Reverse Voltage Range – 5.8 V to 214 V
Peak Power – 1500 Watts @ 1 ms
ESD Rating of Class 3 (>16 KV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 µA above 10 V
UL 497B for Isolated Loop Circuit Protection
Response Time is typically < 1 ns
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode band does not imply polarity
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1.)
@ TL ≤ 25°C
PPK
1500
Watts
Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derated above TL = 75°C
PD
5.0
20
Watts
mW/
°C
Thermal Resistance, Junction–to–Lead
RqJL
20
°C/W
Operating and Storage
Temperature Range
TJ, Tstg
– 65 to
+175
°C
1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per
Figure 2.
*Please see 1N6267A to 1N6306A (1.5KE6.8A – 1.5KE250A)
for Unidirectional Devices
Device
Packaging
Shipping
ORDERING INFORMATION
1.5KExxCA
Axial Lead
500 Units/Box
1.5KExxCARL4
Axial Lead
AXIAL LEAD
CASE 41A
PLASTIC
http://onsemi.com
1500/Tape & Reel
L = Assembly Location
1N6xxxCA = JEDEC Device Code
1.5KExxxCA = ON Device Code
YY = Year
WW = Work Week
L
1N6
xxxCA
1.5KE
xxxCA
YYWW


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn