Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
TB1227CNG
2004-05-24
26
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
3N-HCB
3N-HCR
4N-HCB
Demodulation Output Residual
Higher Harmonic
4N-HCR
(Note C16)
0
10
30
mVp-p
B-Y − 1dB
−1.20
−0.9
−0.60
B-Y − 2dB
−2.30
−1.7
−1.55
Color Difference Output ATT Check
B-Y+1dB
(Note C17)
0.60
0.8
1.20
dB
16.2MHz Oscillation Frequency
∆foF
(Note C18)
−2.0
0
2.0
kHz
16.2MHz Oscillation Start Voltage
VFon1
(Note C19)
3.0
3.2
3.4
V
fsc Free-Run Frequency
(3.58M)
3fr
−100
50
200
(4.43M)
4fr
(M-PAL)
Mfr
−125
25
175
(N-PAL)
Nfr
(Note C20)
−140
10
160
Hz
4.43e27
fsc Output Amplitude
3.58e27
(Note C21)
420
500
580
mVp-p
3.58eV27
2.6
2.9
3.2
fsc Output DC Voltage
0th V27
1.6
1.9
2.2
V
DEF section
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
H. Reference Frequency
FHVCO
(Note DH1)
5.95
6.0
6.10
MHz
H. Reference Oscillation Start
Voltage
VSHVCO
(Note DH2)
2.3
2.6
2.9
V
H. Output Frequency 1
fH1
(Note DH3)
15.5
15.625
15.72
H. Output Frequency 2
fH2
(Note DH4)
15.62
15.734
15.84
kHz
H. Output Duty 1
Hφ1
(Note DH5)
39
41
43
H. Output Duty 2
Hφ2
(Note DH6)
35
37
39
%
H. Output Duty Switching Voltage 1
V5-1
(Note DH7)
1.2
1.5
1.8
VHH
4.5
5.0
5.5
H. Output Voltage
VHL
(Note DH8)
0.5
H. Output Oscillation Start Voltage
VHS
(Note DH9)
5.0
V
H. FBP Phase
φFBP
(Note DH10)
6.2
6.9
7.6
H. Picture Position, Maximum
HSFTmax
(Note DH11)
17.7
18.4
19.1
H. Picture Position, Minimum
HSFTmin
(Note DH12)
12.4
13.1
13.8
H. Picture Position Control Range
∆HSFT
(Note DH13)
4.5
5.3
6.1
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn