Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 25 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
TB1227CNG
2004-05-24
25
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
3N-VTK1
1.8
2.5
3.2
3N-VTC1
2.2
3.2
4.0
3N-VTK2
2.5
3.6
4.5
3N-VTC2
3.2
4.5
5.6
4N-VTK1
1.8
2.5
3.2
4N-VTC1
2.2
3.2
4.0
4N-VTK2
2.5
3.6
4.5
4N-VTC2
3.2
4.5
5.6
4P-VTK1
1.8
2.5
3.2
4P-VTC1
2.2
3.2
4.0
4P-VTK2
2.5
3.6
4.5
4P-VTC2
3.2
4.5
5.6
MP-VTK1
1.8
2.5
3.2
MP-VTC1
2.2
3.2
4.0
MP-VTK2
2.5
3.6
4.5
MP-VTC2
3.2
4.5
5.6
NP-VTK1
1.8
2.5
3.2
NP-VTC1
2.2
3.2
4.0
NP-VTK2
2.5
3.6
4.5
Killer Operation Input Level
NP-VTC2
(Note C11)
3.2
4.5
5.6
3NeB-Y
320
380
460
3NeR-Y
240
290
350
4NeB-Y
320
380
460
4NeR-Y
240
290
350
4PeB-Y
360
430
520
Color Difference Output
(Rainbow Color Bar)
4PeR-Y
200
240
290
4Peb-y
540
650
780
(75% Color Bar)
4Per-y
(Note C12)
430
510
610
mVp-p
3NGR / B
0.69
0.77
0.86
4NGR / B
0.70
0.77
0.85
Demodulation Relative Amplitude
4PGR / B
(Note C13)
0.49
0.56
0.64
times
3NθR-B
85
93
100
4NθR-B
87
93
99
Demodulation Relative Phase
4PθR-B
(Note C14)
85
90
95
°
3N-SCB
3N-SCR
4N-SCB
Demodulation Output Residual
Carrier
4N-SCR
(Note C15)
0
5
15
mVp-p


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn