Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
TB1227CNG
2004-05-24
24
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
fo0
1.45
1.60
1.75
fo500
1.70
1.85
2.00
fo600
1.75
1.90
2.06
1 / 2 fc Trap Characteristic
fo = 3.58
fo700
1.80
1.95
2.10
fo0
1.85
2.00
2.15
fo500
2.00
2.15
2.30
fo600
2.05
2.20
2.35
fo = 4.43
fo700
(Note C5)
2.10
2.25
2.40
MHz
3N∆θ1
35.0
45.0
55.0
3N∆θ2
−55.0
−45.0
−35.0
4N∆θ1
Tint Control Range
(fo = 600kHz)
4N∆θ2
(Note C6)
35.0
45.0
55.0
3N∆θT
Tint Control Variable Range
(fo = 600kHz)
4N∆θT
(Note C7)
70.0
90.0
110.0
°
3TθTin
3EθTin
39
40
47
bit
3N∆Tin
73
80
87
Step
4TθTin
4EθTin
39
40
47
bit
Tint Control Characteristic
4N∆Tin
(Note C8)
73
80
87
Step
4.433PH
350
500
1500
4.433PL
−350
−500
−1500
3.579PH
350
500
1700
APC Lead-In Range
(Lead-In Range)
3.579PL
−350
−500
−1700
4.433HH
400
500
1100
4.433HL
−400
−500
−1100
3.579HH
400
500
1100
(Variable Range)
3.579HL
(Note C9)
−400
−500
−1100
Hz
3.58β3
1.50
2.2
2.90
4.43β3
1.70
2.4
3.10
M-PALβM
APC Control Sensitivity
N-PALβN
(Note C10)
1.50
2.2
2.90


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn