Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
TB1227CNG
2004-05-24
16
ITEM
DESCRIPTION
NUMBER
OF BITS
VARIABLE RANGE
PRESET VALUE
DRV CNT
All drive gains forced
centering switch
1bit
OFF / Force centering
00h OFF
VAGC SP
Vertical ramp time constant
selection
1bit
Normal / High speed
01h High speed
MUTE MODE
OFF, RGB mute, Y mute,
transverse
2bit
OFF, RGB, Y, Transverse
01h RGB
WIDE V-BLK START
PH
Vertical pre-position selection
6bit
−64~−1H STEP 1H
3Fh −1H
BLK SW
Blanking ON / OFF
1bit
ON / OFF
00h ON
WIDE V-BLK STOP PH Vertical post-position
selection
7bit
0~128H STEP 1H
00h 0H
NOISE DET LEVEL
Noise detection level
selection
2bit
0.20, 0.15, 0.10, 0.05
02h 0.1
WIDE P-MUTE START
PH
Video mute pre-position
selection
6bit
−64~−1H STEP 1H
3Fh −1H
N COMB
1H addition selection
1bit
OFF / ADD
00h OFF
WIDE P-MUTE STOP
PH
Video mute post-position
selection
7bit
0~128H STEP 1H
00h 0H
S-field
SECAM color and Q
selection in weak electric
field
1bit
Weak electric field control ON /
OFF
00h ON
SCD ATT
SECAM color difference
amplitude adjustment
1bit
0 / −1dB
00h 0dB
DEMO F0
SECAM deemphasis time
constant selection
1bit
85kHz / 100kHz
00h 85kHz
S GP
SECAM gate position
selection
1bit
Standard / 0.5µs delay
00h Standard
V-ID SW
SECAM V-ID ON / OFF
switch
1bit
OFF / ON
00h OFF
S KIL
SECAM KILLER sensitivity
selection
1bit
NORMAL / LOW
00h NORMAL
BELL F0
Bell f0 adjustment
2bit
−46~92kHz STEP 46kHz
01h 0kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn