Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 14 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
TB1227CNG
2004-05-24
14
ITEM
DESCRIPTION
NUMBER
OF BITS
VARIABLE RANGE
PRESET VALUE
AFC MODE
AFC1 detection sensitivity
selector
2bit
dB ; AUTO, 0, −10, −10
00h AUTO
H-CK SW
HOUT generation clock
selector
1bit
384fh-VCO, FSC-VCXO
01h FSC-VCXO
R CUT OFF
8bit
−0.5~0.5V
00h −0.5V
G CUT OFF
8bit
−0.5~0.5V
00h −0.5V
B CUT OFF
8bit
−0.5~0.5V
00h −0.5V
B. S. OFF
Black expansion ON / OFF
1bit
ON / OFF
00h ON
C-TRAP
Chroma Trap ON / OFF SW
1bit
ON / OFF
00h ON
FST SW
Black offset SECAM
discrimination interlocking
switch
1bit
SECAM only / All systems
00h S only
C-TOF
P / N TOF ON / OFF SW
1bit
ON / OFF
00h ON
P / N GP
PAL GATE position
1bit
Standard / 0.5µs delay
00h Standard
CL-L SW
COLOR LIMIT ON / OFF
1bit
ON / OFF
00h ON
WBLK SW
WIDE V-BLK ON / OFF
1bit
OFF / ON
00h OFF
WMUT SW
WIDE Picture-MUTE ON /
OFF
1bit
OFF / ON
00h OFF
S-INHBT
To detect or not to detect
SECAM
1bit
Yes / No
00h Yes
3.58 Trap
C Trap-f0, force 3.58MHz
switch
1bit
AUTO / Forced 3.58MHz
00h AUTO
F-B / W
Force B / W switch
1bit
AUTO / Forced B / W
00h AUTO
X’tal MODE
APC oscillation frequency
selector switch
3bit
000 ; European system AUTO,
001 ; 3N
010 ; 4P
011 ; 4P (N inhibited)
100 ; S.American system AUTO
101 ; 3N
110 ; MP
111 ; NP
00h European system
AUTO
COLOR SYSTEM
Chroma system selection
2bit
AUTO, PAL, NTSC, SECAM
00h AUTO
R-Y BLACK OFFSET
R-Y color difference output
black offset adjustment
4bit
−24~21mV STEP 3mV
08h 0mV
B-Y BLACK OFFSET
B-Y color difference output
black offset adjustment
4bit
−24~21mV STEP 3mV
08h 0mV
CLL LEVEL
Color limit level adjustment
2bit
91, 100, 108, 116%
02h 108%
Note:
3N; 3.58-NTSC, 4P; 4.43-PAL, MP ; M-PAL, NP; N-PAL
European system AUTO; 4.43-PAL, 4.43-NSTC, 3.58-NTSC, SRCAM
S. American system AUTO; 3.58-NTSC, M-PAL, N-PAL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn