Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
TB1227CNG
2004-05-24
13
READ-IN DATA
Slave address : 89H (Pin28-High : 8BH)
MSB
7
6
5
4
3
2
1
LSB
0
00
PORES
COLOR SYSTEM
X’tal
V-FREQ
V-STD
N-DET
01
LOCK
RGBOUT
Y1-IN
UV-IN
Y2-IN
H
V
V-GUARD
BUS CONTROL FUNCTION
WRITE FUNCTION
ITEM
DESCRIPTION
NUMBER
OF BITS
VARIABLE RANGE
PRESET VALUE
UNI-COLOR
8bit
−18dB~0dB
80h MAX−5.0dB
BRIGHT
8bit
−1V~1V
80h 0V
COLOR
8bit
~0dB
80h −6dB
TINT
7bit
−45°~45°
40h 0°
P / N KIL
P / N KILLER sensitivity
control
1bit
Normal / Low
00h NORMAL
SHARPNESS
6bit
−6dB~12dB
20h +3dB
DTrp-SW
SECAM double trap ON /
OFF
1bit
ON / OFF
01h OFF
R-Mon
TEXT-11 dB
pre-amplification UV output
1bit
Normal / Monitor
00h Normal
B-Mon
(Pin 35 : Bo, Pin 36 : Ro)
1bit
Normal / Monitor
00h Normal
Y SUB CONTRAST
5bit
−3dB~+3dB
10h 0dB
RGB-CONTRAST
EXT RGB UNI-COLOR
control
8bit
−18dB~0dB
80h MAX − 5.0dB
γ ON / OFF
1bit
OFF / 95 IRE
00h ON
WPL SW
White peak limit level
1bit
130 IRE / OFF
00h 130 IRE
BLUE BACK MODE
Luminance selector switch
2bit
IRE ; OFF, 40, 50, 50
00h OFF
Y-DL SW
Y-DL TIME
(28, 33, 38, 43, 48)
3bit
280~480ns after Y IN
04h 480ns
G DRIVE GAIN
8bit
−5dB~3dB
80h 0dB
B DRIVE GAIN
8bit
−5dB~3dB
80h 0dB
HORIZONTAL
POSITION
Horizontal position
adjustment
5bit
−3µs~+3µs
10h 0µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn