Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
TB1227CNG
2004-05-24
12
BUS CONTROL MAP
WRITE DATA
Slave address : 88H (Pin28-High : 8AH)
BLOCK
SUB ADDR
MSB
7
6
5
4
3
2
1
LSB
0
PRESET
00
Uni-Color
1
0
0
0
0
0 0
0
01
BRIGHT
1
0
0
0
0
0 0
0
02
COLOR
1
0
0
0
0
0 0
0
03
*
TINT
0
1
0
0
0
0 0
0
04
P / N KIL
0
SHARPNESS
0
0
1
0
0
0 0
0
05
DTrp-SW
R-Mon
B-Mon
Y SUB CONTRAST
1
0
0
1
0
0 0
0
VIDEO / TEXT
06
RGB-CONTRAST
1
0
0
0
0
0 0
0
07
*
*
*
*
*
*
*
*
1
0
0
0
0
0 0
0
08
Y γ
WPL SW
0
BLUE BACK MODE
Y-DL SW
0
0
0
0
0
1 0
0
09
G DRIVE GAIN
1
0
0
0
0
0 0
0
VIDEO / TEXT
0A
B DRIVE GAIN
1
0
0
0
0
0 0
0
DEF
0B
HORIZONTAL POSITION
AFC MODE
H-CK SW
1
0
0
0
0
0 0
1
0C
R CUT OFF
0
0
0
0
0
0 0
0
0D
G CUT OFF
0
0
0
0
0
0 0
0
0E
B CUT OFF
0
0
0
0
0
0 0
0
TEXT (P / N)
0F
B. S. OFF
C-TRAP
OFST SW
C-TOF
P / N GP
CLL SW
WBLK SW
WMUT SW
0
0
0
0
0
0 0
0
10
S-INHBT
358 Trap
F-B / W
X’tal MODE
COLOR SYSTEM
0
0
0
0
0
0 0
0
SYSTEM
11
R-Y BLACK OFFSET
B-Y BLACK OFFSET
1
0
0
0
1
0 0
0
P / N
12
CLL LEVEL
PN CD ATT
TOF Q
TOF FO
1
0
0
1
1
0 1
0
Vi / C
13
V-MODE
VSM PHASE
VSM GAIN
C-TRAP Q
C-TRAP FO
1
0
1
1
1
0 1
0
14
BLACK STRETCH POINT
DC TRAN RATE
APA-CON FO / SW
1
0
0
0
0
0 1
0
VIDEO (DEF)
15
ABL POINT
ABL GAIN
HALF TONE SW
0
0
0
0
0
0 0
0
16
H BLK PHASE
V FREQ
V OUT PHASE
0
0
0
0
0
0 0
0
17
V-AMPLITUDE
*
1
0
0
0
0
0 0
0
18
V CENTERING
COINCIDENT DET
1
0
0
0
0
0 1
0
19
V S-CORRECTION
DRG SW
1
0
0
0
0
0 0
0
GEOMETRY
1A
V LINEARITY
V-CD MD
DRV CNT
VAGC SP
0
0
0
0
0
0 0
1
1B
MUTE MODE
WIDE V-BLK START PHASE
0
1
1
1
1
1 1
1
1C
BLK SW
WIDE V-BLK STOP PHASE
0
0
0
0
0
0 0
0
1D
NOISE DET LEVEL
WIDE P-MUTE START PHASE
1
0
1
1
1
1 1
1
DEF-V
1E
N COMB
WIDE P-MUTE STOP PHASE
0
0
0
0
0
0 0
0
SECAM
1F
S-field
SCD ATT
DEMP FO
S GP
V-ID SW
S KIL
BELL FO
0
0
0
0
0
0 0
1
Note:
* : Data is ignored.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn