Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
TB1227CNG
2004-05-24
10
PIN
No.
PIN NAME
FUNCTION
INTERFACE CIRCUIT
INPUT / OUTPUT
SIGNAL
48 AFC1 Filter
To connect filter for horizontal AFC1
detection.
Horizontal frequency is determined
by voltage of this pin.
DC
5.0V
49 Sync Output
Output terminal of synchronizing
signal separated by sync separator
circuit.
Connect a pull-up resistor to this pin
because it is an open-collector
output type.
50 V-Sepa.
To connect filter for vertical
synchronizing separation.
DC
5.9V
51 Sync Input
Input terminal of synchronizing
separator circuit. Input signal
through a clamping capacitor to this
pin. Negative 1.0Vp-p sync.
52 V-Ramp
To connect filter for generating
V-ramp waveform.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn