Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1227CNG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB1227CNG Datasheet HTML 1Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 2Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 3Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 4Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 5Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 6Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 7Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 8Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
TB1227CNG
2004-05-24
1
TOSHIBA Bi-CMOS INTEGRATED CIRCUIT
SILICON MONOLITHIC
TB1227CNG
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC
/ SECAM SYSTEM COLOR TV
TB1227CNG that is a signal processing IC for the PAL / NTSC /
SECAM color TV system integrates video, chroma and
synchronizing signal processing circuits together in a 56-pin
shrink DIP plastic package.
TB1227CNG incorporates a high performance picture quality
compensation circuit in the video section, an automatic PAL /
NTSC / SECAM discrimination circuit in the chroma section, and
an automatic 50 / 60Hz discrimination circuit in the
synchronizing section. Besides a crystal oscillator that internally
generates 4.43MHz, 3.58MHz and M / N-PAL clock signals for
color demodulation, there is a horizontal PLL circuit built in the
IC.
The PAL / SECAM demodulation circuit which is an adjustment-free circuit incorporates a 1H DL circuit inside for
operating the base band signal processing system.
Also, TB1227CNG makes it possible to set or control various functions through the built-in I2C bus line.
FEATURES
Video section
• Built-in trap filter
• Black expansion circuit
• Variable DC regeneration rate
• Y delay line
• Sharpness control by aperture control
• γ correction
• VSM output
Chroma section
• Built-in 1H Delay circuit
• PAL / SECAM base band demodulation system
• One crystal color demodulation circuit
(4.43MHz, 3.58MHz, M / N-PAL)
• Automatic system discrimination, system forced mode
• 1H delay line also serves as comb filter in NTSC demodulation
• Built-in band-pass filter, SECAM bell filter
• Color limiter circuit
• Fsc output
Synchronizing deflecting section
• Built-in horizontal VCO resonator
• Adjustment-free horizontal / vertical oscillation by count-down circuit
• Double AFC circuit
• Vertical frequency automatic discrimination circuit
• Horizontal / vertical holding adjustment
• Vertical ramp output
• Vertical amplitude adjustment
• Vertical linearity / S-shaped curve adjustment
Weight: 5.55 g (typ.)
TENTATIVE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn