Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 63 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
TB1227CNG
2004-05-24
63
TEST CONDITION
Unless otherwise specified : H, RGB VCC = 9V ; VDD, Fsc VDD, Y / C VCC = 5V ; Ta = 25±3°C ; BUS = preset value ;
pin 51 input video signal = 50 system
(Note) “×” in the data column represents preset value at power ON.
NOTE
ITEM
SUB-ADDRESS & BUS DATA
MEASURING METHOD
DV24 W-VBLK Stop Phase
DV25 W-PMUTE Stop
Phase
(Note) Only the 60
system is subject to
evaluation.
Sub 1CH
Sub 1EH
×
×
×
×
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(1) Set bus data as specified for the Sub 1CH in the left columns, and measure the value of Y shown in the
figure below.
W-VBLK stop phase : MAX, MIN
(2) Set bus data as specified for the Sub 1EH in the left columns, and measure the value of Y shown in the
figure below.
W-PMUTE stop phase : MAX, MIN
DV26 V Centering Center
Voltage
DV27 V Centering Max
Voltage
DV28 V Centering Min
Voltage
Sub 18H
1
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
×
×
×
×
×
×
(1) Set bus data as indicated on the left.
(2) Measure the voltage of pin 47 with respective bus data settings.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn