Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1227CNG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB1227CNG Datasheet HTML 2Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 3Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 4Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 5Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 6Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 7Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 8Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 9Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
TB1227CNG
2004-05-24
6
PIN
No.
PIN NAME
FUNCTION
INTERFACE CIRCUIT
INPUT / OUTPUT
SIGNAL
18
19
20
Digital R Input
Digital G Input
Digital B Input
Input terminals of digital R, G, B
signals. Input DC directly to these
pins.
OSD or TEXT signal can be input to
these pins.
OSD
⎯⎯⎯⎯ 3.0V
TEXT
⎯⎯⎯⎯ 2.0V
⎯⎯⎯⎯ GND
21 Digital YS / YM
Selector switch of halftone / internal
RGB signal / digital RGB
(pins 18, 19, 20).
OSD
⎯⎯⎯⎯ 3.0V
TEXT
⎯⎯⎯⎯ 2.0V
H.T.
⎯⎯⎯⎯ 1.0V
TV
⎯⎯⎯⎯ GND
22 Analog YS
Selector switch of internal RGB
signal or analog RGB
(pins 23, 24, 25).
Analog RGB
⎯⎯⎯⎯ 0.5V
TV
⎯⎯⎯⎯ GND
23
24
25
Analog R Input
Analog G Input
Analog B Input
Analog R, G, B input terminals. Input
signal through the clamping
capacitor. Standard input level :
0.5Vp-p (100 IRE).
26 Color Limiter
To connect filter for detecting color
limit.
27 FSC Output
Output terminal of FSC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn