Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1227CNG Datasheet(PDF) 50 Page - Toshiba Semiconductor

Part # TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1227CNG Datasheet(HTML) 50 Page - Toshiba Semiconductor

Back Button TB1227CNG Datasheet HTML 46Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 47Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 48Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 49Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 50Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 51Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 52Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 53Page - Toshiba Semiconductor TB1227CNG Datasheet HTML 54Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
TB1227CNG
2004-05-24
50
TEST CONDITION (Unless otherwise specified : H, RGB VCC = 9V ; VDD, Fsc VDD, Y / C VCC = 5V ; Ta = 25±3°C)
SW MODE
NOTE
ITEM
S26
S1
S31
S33
S34
S39
S42
S44
S45
S51
MEASURING METHOD
C12
Color
Difference
Output
ON
A
B
B
B
A
A
A
A
B
(1) Activate the test mode (S26-ON, Sub Add 02 ; 08h).
(2) Connect band pass filter (Q = 2), set to TV mode (fo = 600kHz) with 0dB attenuation.
(3) Set the crystal mode to conform to European, Asian system and set the gate to normal
status.
(4) Input 3N, 4N and 4P rainbow color bar signals having 100mVp-p burst to pin 42 of the
chroma input terminal one after another.
(5) Measure amplitudes of color difference signals of pin 36 (B-Y) and pin 35 (R-Y)
respectively, and express them as 3NeB-Y / R-Y, 4NeB-Y / R-Y and 4PeB-Y / R-Y
respectively.
(6) While inputting 4P 75% color bar signal (100mVp-p burst) to pin 42 of the chroma input
terminal, measure amplitudes of color difference signals of pin 36 (B-Y OUT) and pin 35
(R-Y OUT) respectively. (Ratio of those amplitudes is expressed as 4Peb-y / r-y for
checking color level of SECAM system.)
C13
Demodulation
Relative
Amplitude
(1) Activate the test mode (S26-ON, Sub Add 02 ; 08h).
(2) Connect band pass filter (Q = 2), set to TV mode (fo = 600kHz) with 0dB attenuation.
(3) Set the crystal mode to conform to European, Asian system and set the gate to normal
status.
(4) Input 3N, 4N and 4P rainbow color bar signals having 100mVp-p burst to pin 42 of the
chroma input terminal one after another.
(5) Measure amplitudes of color difference signals of pin 36 (B-Y) and pin 35 (R-Y)
respectively, and express ratio between the two amplitudes as 3NG R / B, 4NG R / B
and 4PG R / B respectively.
(Note)
Relative amplitude of G-Y color difference signal shall be checked later in the
Text section.


Similar Part No. - TB1227CNG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1227A TAI-SAW-TB1227A Datasheet
207Kb / 7P
   IF SAW Filter 173.075MHz SMD 7.0X5.0mm
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
More results

Similar Description - TB1227CNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
logo
NEC
UPC1423 NEC-UPC1423 Datasheet
694Kb / 11P
   FOR COLOR TV COLOR SIGNALS, VIDEO SIGNAL, AND SYNCHRONIZING SIGNAL OF PAL/NTSC SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com