Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB1227CNG Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part No. TB1227CNG
Description  VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
Download  94 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB1227CNG Datasheet(HTML) 44 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
TB1227CNG
2004-05-24
44
TEST CONDITION (Unless otherwise specified : H, RGB VCC = 9V ; VDD, Fsc VDD, Y / C VCC = 5V ; Ta = 25±3°C)
SW MODE
NOTE
ITEM
S26
S1
S31
S33
S34
S39
S42
S44
S45
S51
MEASURING METHOD
C2
Band Pass Filter
Characteristic
ON
A
B
B
B
A
B
A
A
B
(1) Activate the test mode (S26-ON, Sub Add 02 ; 01h).
(2) Set as follows : band pass filter Q = 2, crystal clock = conforming to 3.579 / 4.43MHz,
gate = normal status.
(3) Input 3N composite sine wave signal (1Vp-p) to pin 42 (Chroma IN).
(4) Measure frequency characteristic of B-Y output of pin 36 and measure the peak
frequency, too.
(5) Changing fo to 0, 500, 600 and 700 by the bus control and measure peak frequencies
respectively with different fo.
(6) For measuring frequency characteristic as fo is 4.43, use 4.43MHz crystal clock
Measure the following items in the same manner.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn