Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25D05C Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D05C
Description  3.3V Uniform Sector Standard and Dual Serial Flash
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D05C Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D05C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D10C/05C
35
10. PACKAGE INFORMATION
10.1. Package SOP8 150MIL
D
E
E1
A
A2
A1
b
e
“A”
L1
L
θ
b
c
Base Metal
Detail
“A”
h
1
4
8
5
Dimensions
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
h
θ
Unit
mm
Min
-
0.10
1.25
0.31
0.10
4.80
5.80
3.80
1.27
0.40
1.04
0.25
Nom
-
0.15
1.45
0.41
0.20
4.90
6.00
3.90
-
-
-
Max
1.75
0.25
1.55
0.51
0.25
5.00
6.20
4.00
0.90
0.50
Note:
1. Both the package length and width include the mold flash.
2. Seating plane: Max. 0.1mm.


Similar Part No. - GD25D05C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25D05C GIGADEVICE-GD25D05C Datasheet
4Mb / 28P
   MCU
More results

Similar Description - GD25D05C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25D20C GIGADEVICE-GD25D20C Datasheet
830Kb / 43P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D80C GIGADEVICE-GD25D80C Datasheet
741Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25LD05C GIGADEVICE-GD25LD05C Datasheet
890Kb / 42P
   Uniform Sector Standard and Dual Serial Flash
GD25WD20C GIGADEVICE-GD25WD20C Datasheet
870Kb / 49P
   Uniform Sector Standard and Dual Serial Flash
GD25WD80C GIGADEVICE-GD25WD80C Datasheet
883Kb / 47P
   Uniform Sector Standard and Dual Serial Flash
GD25WD05C GIGADEVICE-GD25WD05C Datasheet
896Kb / 43P
   Uniform Sector Standard and Dual Serial Flash
GD25LD20C GIGADEVICE-GD25LD20C Datasheet
963Kb / 46P
   Uniform Sector Standard and Dual Serial Flash
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com