Electronic Components Datasheet Search |
|
MAX5855 Datasheet(PDF) 12 Page - Maxim Integrated Products |
|
MAX5855 Datasheet(HTML) 12 Page - Maxim Integrated Products |
12 / 55 page Maxim Integrated │ 12 MAX5855 Evaluation Kit Evaluates: MAX5855 www.maximintegrated.com Programming the EEPROM Rather than programming the FPGA after each power cycle of the VC707, the on-board flash memory can be used to store the default RTL for the MAX5855 evaluation system. Once the EEPROM has been programmed, the USB cable connecting to the JTAG port (USB micro-B) will no longer be necessary. For more information on programming the VC707 EEPROM, see the VC707 FPGA Programming section in the Detailed Description of Software. Detailed Description of Software The MAX5855 EV kit Software Controller GUI is designed to control the MAX5855 EV kit board and the VC707 board as shown in Figure 9. The software includes USB controls that provide SPI and SMBus communication to the MAX5855 and the MAX6654 interfaces. The GUI also controls the VC707 through the USB 2.0 control and bulk transfer port on the VC707 board. The Communications Selection window (Figure 3) allows the user to select between the FPGA pass-through inter- face or the on-board FTDI interface for software control of the MAX5855 and the peripheral components. When selecting a communication path for the first time, the “Remember Selection, Do Not Show Again” check box will simplify the startup process by setting the selection as the default communication path. If the user wishes to reset this selection, this can be done by deleting the file stored in the MAX5855 EV kit working directory. Browse to C:\MaximIntegrated\ MAX5855EVKIT directory, find and delete the FPGAPathSelection.txt or FTDIPathSelection.txt file. This will cause the SPI Communication Path window to be displayed the next time the GUI is executed. The MAX5855 EV kit Software Controller GUI features four window tabs for configuration and control of the MAX5855 and the VC707. The specific tabs are: ● Setup • Load and Reload MAX5855 Configuration • Hardware and Software MUTE Control • Various Reset Functions ● Clock and NCO • DAC Configuration Status • NCO Programming ● VC707 • VC707 FGPA Programming • VC707 MicroBlaze Interface • VC707 Pattern Control ● Status • Temperature Readings and Control of the MAX6654 Temperature Sensor IC • Status of the MAX5855 EV kit Device Under Test • Automation Support Through TCP/IP Port ● Register Access • User Access to Read/Write MAX5855 Configura- tion and Status Registers The EV kit GUI software begins on the <VC707> tab if the FPGA has not been programmed (Figure 4), otherwise the <Setup> tab will be active. Figure 15a. VC707 Jumpers and Switches—J44; Figure 15b. VC707 Jumpers and Switches—SW11 |
Similar Part No. - MAX5855 |
|
Similar Description - MAX5855 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |