Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5855 Datasheet(HTML) 26 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
JESD204B Receiver Equalization
The MAX5855 JESD204B receiver equalization capability exceeds the JEDEC specification for maximum interconnect
length of 20cm.
The plots in Figure 6 demonstrate that the JESD204B receiver equalization capability over a 30in (76cm) length of cable
using the following test conditions:
● Data Rate: 9.8304Gbps
● Channel: 30in Nelco 4000-13SI plus cables and FMC connector
● 30in Nelco Traces = -14.7dB loss at 4.914GHz (see Figure 7)
● Cables and connector ~ 3dB loss at 4.914GHz
BEFORE
AFTER
Figure 6. Receiver Equalization Eye Diagram Before and After Lane Training
-50
-40
-30
-20
-10
0
20
18
16
14
12
10
8
6
4
2
0
FREQUENCY (GHz)
4.914GHz, -14.687dB
Figure 7. Channel Loss Curve (30in Nelco)
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 26


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn