Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5855 Datasheet(HTML) 23 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
JESD204B Data Interface Features
A summary of the MAX5855 PHY and LINK features is provided below:
Rx PHY Features
● Programmable gain
LINK Features
● 8b/10b decoding
● Code group synchronization
● Inter Lane Alignment (ILA)
● 1 + x14 + x15 polynomial scrambling
● Character replacement
● Multiple Converter Device Alignment-Multiple Lanes (MCDA-ML) compliant
● Subclass-0 support
● Number of lanes (L): 5
● Number of data converters (M): 2
● Number of octets per frame (F): 4
● Number of samples per frame (S): 5
Other Features
● Disable scramble mode
● Elastic buffer depth of 320 serial bit-periods
● Detection of following 8b/10b control characters: K28.0, K28.3, K28.4, K28.5, K28.7
● Detection of following errors/conditions
• 8b/10b running disparity error
• 8b/10b not-in-table error
• Unexpected control character detection
• Code group synchronization error
• Frame realignment detection
• Lane realignment detection
• Link configuration error
• ILA failure detection
• ILA sequence error
● Various error conditions can be enabled for error reporting through SYNC~ interface
● Continuous /K/ and ILA sequence detection
● PHY PRBS data detection for debug
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 23


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn