Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 98 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5855 Datasheet(HTML) 98 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 98 / 128 page
background image
BIT
7
6
5
4
3
2
1
0
Field
FrNSync
LnReAlign
FrReAlign
DISP
NIT
CGS
Reset
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DContErr
30
Enable Interrupt on Rx Lane continuous D21.5 not-detect latched
PRBSerr
28
Enable Interrupt on Rx Lane SerDes interface PRBS error latched
KContErr
27
Enable Interrupt on Rx Lane continuous /K/ not-detect latched
FChkErr
26
Enable Interrupt on Rx Lane ILA sequence FCHK error latched
LCfgErr
25
Enable Interrupt on Rx Lane ILA sequence lane configuration error latched
ILAerr
24
Enable Interrupt on Rx Lane ILA sequence decode error latched
FIFOempty
17
Enable Interrupt on Rx Lane FIFO empty detected on FIFO depth smaller
than RLinkRegs.CfgRFIFO.MinFD latched
FIFOfull
16
Enable Interrupt on Rx Lane FIFO full detected on FIFO depth greater than
RLinkRegs.CfgRFIFO.MaxFD latched
FrNSync
7
Enable Interrupt on Frame synchronization state machine not in Sync real-
time
LnReAlign
6
Enable Interrupt on Lane realignment occurred latched
FrReAlign
5
Enable Interrupt on Frame realignment occurred latched
DISP
2
Enable Interrupt on 8B10B Disparity error latched
NIT
1
Enable Interrupt on 8B10B NIT error latched
CGS
0
Enable Interrupt on Code Group Synchronization out of Sync latched
CfgRLaneMuteEn (0x488, 0x498, 0x4A8, 0x4B8, 0x4C8)
Configure Rx Lane DAC Mute Enables
BIT
31
30
29
28
27
26
25
24
Field
DContErr
PRBSerr
KContErr
FChkErr
LCfgErr
ILAerr
Reset
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BIT
23
22
21
20
19
18
17
16
Field
FIFOempty
FIFOfull
Reset
0x0
0x0
Access
Type
Write, Read
Write, Read
BIT
15
14
13
12
11
10
9
8
Field
Reset
Access
Type
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 98


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn