Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 78 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5855 Datasheet(HTML) 78 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
BIT
7
6
5
4
3
2
1
0
Field
INT_EN[7:0]
Reset
0x00
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
INT_EN
7:0
Enable/Disable interrupt bit 0-7 in register
STATUS
0x0: Disable interrupt bit 0-7 in register STATUS
0x1: Enable interrupt bit 0-7 in register STATUS
STATUS (0x164)
Status Register for DAC DSP
BIT
7
6
5
4
3
2
1
0
Field
JSDIM
JSDII
rsvd[2:0]
TRDY
PLLlck
Reset
Access
Type
Read Only
Read Only
Read Only
Write 0 to
Clear, Read
Write 0 to
Clear, Read
BITFIELD
BITS
DESCRIPTION
DECODE
JSDIM
7
JSDI Link layer Mute active/inactive status
0x0: Indicates JSDI Link layer Mute is not active
0x1: Indicates JSDI Link layer Mute is active
JSDII
6
JSDI Link layer Interrupt active/inactive status
0x0: Indicates JSDI Link layer Interrupt is not
active
0x1: Indicates JSDI Link layer Interrupt is active
rsvd
5:3
Reserved Bits
TRDY
2
Trim loading complete or internal
configuration complete, latched status
0x0: Trim loading is in progress
0x1:
Trim loading complete after RESETB deassertion,
latched status
Internal Configuration complete after setting
GLB.CfgIFC.Xfer, latched status
PLLlck
0
DAC PLL loss-of-lock, latched status
0x0: DAC PLL locked
0x1: DAC PLL loss-of-lock, latched status
RSVD7 (0x165)
Reserved Address Space
BIT
7
6
5
4
3
2
1
0
Field
rsvd[7:0]
Reset
Access
Type
Read Only
BITFIELD
BITS
DESCRIPTION
rsvd
7:0
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 78


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn