Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 73 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5855 Datasheet(HTML) 73 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
BITFIELD
BITS
DESCRIPTION
forced
CfgNCOUT2 (0x10F)
Configure NCO Update Timer for DAC DSP, bits[23:16]
BIT
7
6
5
4
3
2
1
0
Field
TIM[7:0]
Reset
0x00
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
TIM
7:0
NCO Update Timer value in NCO clock cycles (x8) before NCO update is
forced
CfgPM (0x110)
Configure Power Monitor for DAC DSP
BIT
7
6
5
4
3
2
1
0
Field
Start
Mode
Reset
Reset
0b0
0b0
0b0
Access
Type
Write, Read
Write, Read
Write 1 to
Set, Read
BITFIELD
BITS
DESCRIPTION
DECODE
Start
2
Power Monitor Start
Mode
1
Power Monitor Mode
0x0: Count samples below the threshold
0x1: Count samples above the threshold
Reset
0
Writing a 1 resets the power monitor count.
This bit is self clearing.
0x0
0x1: Resets the power monitor count.
CfgPMT (0x111)
Configure Power Monitor Threshold for DAC DSP
BIT
7
6
5
4
3
2
1
0
Field
PMT[7:0]
Reset
0x00
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
PMT
7:0
Configure Power Monitor Threshold value
CfgPMIC0 (0x112)
Configure Power Monitor Init Count 6 x 8 = 48 bits for DAC DSP, bits[7:0]
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 73


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn