Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 71 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX5855 Datasheet(HTML) 71 Page - Maxim Integrated Products

Back Button MAX5855 Datasheet HTML 67Page - Maxim Integrated Products MAX5855 Datasheet HTML 68Page - Maxim Integrated Products MAX5855 Datasheet HTML 69Page - Maxim Integrated Products MAX5855 Datasheet HTML 70Page - Maxim Integrated Products MAX5855 Datasheet HTML 71Page - Maxim Integrated Products MAX5855 Datasheet HTML 72Page - Maxim Integrated Products MAX5855 Datasheet HTML 73Page - Maxim Integrated Products MAX5855 Datasheet HTML 74Page - Maxim Integrated Products MAX5855 Datasheet HTML 75Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
CfgNCON1 (0x107)
Configure NCO Frequency Control Word Numerator Word for DAC DSP, bits[15:8]
BIT
7
6
5
4
3
2
1
0
Field
NFW[15:8]
Reset
0x00
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
NFW
7:0
Configure NCO Frequency Control Word Numerator Word for DAC DSP,
bits[15:8]
CfgNCON2 (0x108)
Configure NCO Frequency Control Word Numerator Word for DAC DSP, bits[17:16]
BIT
7
6
5
4
3
2
1
0
Field
NFW[17:16]
Reset
0x0
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
NFW
1:0
Configure NCO Frequency Control Word Numerator Word for DAC DSP,
bits[17:16]
CfgNCOD0 (0x109)
Configure NCO Frequency Control Word Denominator Word for DAC DSP, bits [7:0]
BIT
7
6
5
4
3
2
1
0
Field
DFW[7:0]
Reset
0x00
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DFW
7:0
Configure NCO Frequency Control Word Denominator Word for DAC DSP,
bits[7:0]
CfgNCOD1 (0x10A)
Configure NCO Frequency Control Word Denominator Word for DAC DSP, bits [15:8]
BIT
7
6
5
4
3
2
1
0
Field
DFW[15:8]
Reset
0x00
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DFW
7:0
Configure NCO Frequency Control Word Denominator Word for DAC DSP,
bits[15:8]
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 71


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn