Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5855 Datasheet(PDF) 68 Page - Maxim Integrated Products

Part No. MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5855 Datasheet(HTML) 68 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
BIT
7
6
5
4
3
2
1
0
Field
Crate[3:0]
Reset
0xD
Access
Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
Crate
3:0
CLKP/N rate configuration
0x0: 245.76MHz
0x1: Reserved
0x2: Reserved
0x3: 491.52MHz
0x4: Reserved
0x5: 983.04MHz
0x6: Reserved
0x7: Reserved
0x8: Reserved
0x9: Reserved
0xB: Reserved
0xD: Reserved (Default)
0xF: Reserved
CfgREGS (0x12)
Configure Register options
BIT
7
6
5
4
3
2
1
0
Field
rsvd
IntCfg
Reset
0b0
0b0
Access
Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
rsvd
1
Reseverd Bit
IntCfg
0
Enable the Internal Configuration Mode.
GLBL.CfgIFC.xfer triggers the internal
configuration process and after it is complete,
the DSP.STATUS.TRDY latched status is set.
The registers/fields configured are
DSP.CfgPLL1
DSP.CfgPLL2
DSP.CfgClkDiv
SerDesRegs.CfgSerDes.RxRateSel
SerDesRegs.CfgSerDes.PhyWMode
CMURegs.CfgfCMU1
0x0: Internal register configuration is disabled
0x1: When CfgIFC.Xfer bit is set, some registers
are configured internally.
CfgChipOM (0x100)
Configure Chip Operation Mode
BIT
7
6
5
4
3
2
1
0
Field
RclkM[1:0]
INVQ
Mute
DFMT
Reset
0x0
0b0
0b1
0b0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 68


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn