Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5855 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # MAX5855
Description  16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5855 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button MAX5855 Datasheet HTML 55Page - Maxim Integrated Products MAX5855 Datasheet HTML 56Page - Maxim Integrated Products MAX5855 Datasheet HTML 57Page - Maxim Integrated Products MAX5855 Datasheet HTML 58Page - Maxim Integrated Products MAX5855 Datasheet HTML 59Page - Maxim Integrated Products MAX5855 Datasheet HTML 60Page - Maxim Integrated Products MAX5855 Datasheet HTML 61Page - Maxim Integrated Products MAX5855 Datasheet HTML 62Page - Maxim Integrated Products MAX5855 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
ADDRESS
NAME
MSB
LSB
EQU_CTRL3[7:0]
D4_coeff[6:0]
0x810
EQU_CTRL4[31:24]
EQU_CTRL4[23:16]
EQU_CTRL4[15:8]
EQU_CTRL4[7:0]
AGC_coeff[7:0]
0x81C
EQU_CTRL7[31:24]
AGC_init_D1[7:0]
EQU_CTRL7[23:16]
EQU_CTRL7[15:8]
EQU_CTRL7[7:0]
0x828
EQU_CTRLA[31:24]
D1_init[5:0]
EQU_CTRLA[23:16]
D2_init[6:0]
EQU_CTRLA[15:8]
D3_init[6:0]
EQU_CTRLA[7:0]
D4_init[6:0]
0x82C
EQU_CTRLB[31:24]
capsel[1:0]
Mode6G
phb
EQU_CTRLB[23:16]
EQU_CTRLB[15:8]
EQU_CTRLB[7:0]
0x83C
EYE_MON2[31:24]
D1ErrChPhPri[7:0]
EYE_MON2[23:16]
D1ErrChPhSec[7:0]
EYE_MON2[15:8]
EYE_MON2[7:0]
0x864
TX_CTRL1[31:24]
TX_CTRL1[23:16]
TX_CTRL1[15:8]
cd_tune[2:0]
TX_CTRL1[7:0]
0x880
EQU_CTRLD[31:24]
DFE2_initD3[5:0]
EQU_CTRLD[23:16]
DFE2_initD2[6:0]
EQU_CTRLD[15:8]
DFE1_initD3[6:0]
EQU_CTRLD[7:0]
DFE1_initD2[6:0]
0x884
EQU_CTRLE[31:24]
DFE4Init_D3[6:0]
EQU_CTRLE[23:16]
DFE4Init_D2[6:0]
EQU_CTRLE[15:8]
DFE3Init_D3[6:0]
EQU_CTRLE[7:0]
DFE3Init_D2[6:0]
0x88C
EQU_CTRLG[31:24]
EQU_CTRLG[23:16]
EQU_CTRLG[15:8]
AGCInit_D3[7:0]
EQU_CTRLG[7:0]
AGCInit_D2[7:0]
PHY 1
0x90C
EQU_CTRL3[31:24]
D1_coeff[5:0]
EQU_CTRL3[23:16]
D2_coeff[6:0]
MAX5855
16-Bit, 4.9Gsps Wideband Interpolating
and Modulating RF DAC with JESD204B Interface
www.maximintegrated.com
Maxim Integrated | 59


Similar Part No. - MAX5855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5855 MAXIM-MAX5855 Datasheet
3Mb / 55P
   MAX5855 Evaluation Kit
Rev 0; 10/18
MAX5855EVKIT MAXIM-MAX5855EVKIT Datasheet
3Mb / 55P
   MAX5855 Evaluation Kit
Rev 0; 10/18
More results

Similar Description - MAX5855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
logo
Renesas Technology Corp
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
logo
Maxim Integrated Produc...
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
logo
Renesas Technology Corp
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Maxim Integrated Produc...
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com