Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2771 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2771
Description  Multiband Universal GNSS Receiver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2771 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2771 Datasheet HTML 10Page - Maxim Integrated Products MAX2771 Datasheet HTML 11Page - Maxim Integrated Products MAX2771 Datasheet HTML 12Page - Maxim Integrated Products MAX2771 Datasheet HTML 13Page - Maxim Integrated Products MAX2771 Datasheet HTML 14Page - Maxim Integrated Products MAX2771 Datasheet HTML 15Page - Maxim Integrated Products MAX2771 Datasheet HTML 16Page - Maxim Integrated Products MAX2771 Datasheet HTML 17Page - Maxim Integrated Products MAX2771 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
PIN
NAME
FUNCTION
TYPE
1
CPOUT
Charge-Pump Output. Connect a PLL loop filter as a shunt C and a shunt combination
of series R and C (see Typical Application Circuit).
Analog output
2
VCCCP
PLL Charge-Pump Supply Voltage. Bypass to ground with a 100nF capacitor as close
as possible to the pin.
Power
3
XTAL
XTAL or Reference Oscillator Input. Connect to XTAL or a DC-blocking capacitor if a
TCXO is used.
Analog input
4
CLKOUT
Reference Clock Output.
Digital output
5
ADC_CLKIN ADC Clock Input. Optionally, the ADCs can be clocked from the clock input on this pin.
Refer to ADC Clock Alignment section for details.
Digital input
6
VCCD
Digital Circuitry Supply Voltage. Bypass to ground with a 100nF capacitor as close as
possible to the pin.
Power
7
SDATA
Data Signal of 3-Wire Serial Interface.
Digital Input/
Output
8
SCLK
Clock Input of 3-Wire Serial Interface. Serial data is clocked in on the rising-edge of
the SCLK and output on the falling-edge of SCLK.
Digital Input
9
CSN
Chip-Select Input of 3-Wire Serial Interface. Set CSN low to select device.
Set CS high when the SPI transaction is completed.
Digital Input
Pin Configuration
21 20
19 18 17 16 15
+
EP
TOP VIEW
MAX2771
VCCRF
LNAOUT_LO
LNAOUT_HI
MIXIN_HI
MIXIN_LO
VCCIF
22
23
24
25
26
27
VCCVCO
28
14
13
12
11
10
9
VCCADC
I1
I0
Q0
Q1
CSN
8
SCLK
1
2
3
4
5
6
7
*CONNECTED EXPOSED PAD TO GROUND
Pin Description
www.maximintegrated.com
Maxim Integrated │ 14
MAX2771
Multiband Universal GNSS Receiver


Similar Part No. - MAX2771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2771EVKIT MAXIM-MAX2771EVKIT Datasheet
1Mb / 12P
   All Critical Peripheral Components Included
Rev 0; 8/18
MAX2771EVKIT# MAXIM-MAX2771EVKIT# Datasheet
1Mb / 12P
   All Critical Peripheral Components Included
Rev 0; 8/18
More results

Similar Description - MAX2771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2769C MAXIM-MAX2769C Datasheet
2Mb / 29P
   Universal GNSS Receiver
Rev 1; 10/16
logo
STMicroelectronics
STA5635S STMICROELECTRONICS-STA5635S Datasheet
237Kb / 7P
   Automotive universal GNSS RF receiver
November 2020 Rev 1
STA5635A STMICROELECTRONICS-STA5635A Datasheet
783Kb / 20P
   Automotive Universal GNSS RF Receiver
December 2020 Rev 2
logo
Pulse A Technitrol Comp...
GPSLPMB403 PULSE-GPSLPMB403 Datasheet
3Mb / 41P
   2xLTE, WIFI, GNSS MULTIBAND VEHICULAR ANTENNA
GPSLPMB401 PULSE-GPSLPMB401 Datasheet
2Mb / 39P
   : 2xLTE, WiFi , GNSS Multiband Vehicular Antenna
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
   GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
SiGe Semiconductor, Inc...
SE4120L SIGE-SE4120L Datasheet
129Kb / 2P
   GNSS Receiver IC
SE4120S SIGE-SE4120S Datasheet
129Kb / 2P
   GNSS Receiver IC
logo
Linx Technologies
MDEV-GNSS-GM LINX-MDEV-GNSS-GM Datasheet
1Mb / 31P
   GM Series GNSS Receiver Module
2017
MDEV-GPS-R4 LINX-MDEV-GPS-R4 Datasheet
2Mb / 9P
   GPS / GNSS Receiver Master Development System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com