Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2165 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX2165
Description  Single-Conversion DVB-H Tuner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2165 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX2165 Datasheet HTML 15Page - Maxim Integrated Products MAX2165 Datasheet HTML 16Page - Maxim Integrated Products MAX2165 Datasheet HTML 17Page - Maxim Integrated Products MAX2165 Datasheet HTML 18Page - Maxim Integrated Products MAX2165 Datasheet HTML 19Page - Maxim Integrated Products MAX2165 Datasheet HTML 20Page - Maxim Integrated Products MAX2165 Datasheet HTML 21Page - Maxim Integrated Products MAX2165 Datasheet HTML 22Page - Maxim Integrated Products MAX2165 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Single-Conversion DVB-H Tuner
______________________________________________________________________________________
19
Unlike the tracking filter, it is not necessary to interpolate
notch filter settings for various operating frequencies.
When receiving channels below 725MHz in the presence
of cellular blockers, the TF_NTCH[3:0] bits should be pro-
grammed to the lower notch frequency that is stored in
the ROM table. When receiving channels above 725MHz
in the presence of cellular blockers the TF_NTCH[3:0]
bits can be programmed to the upper notch frequency
that is stored in the ROM table.
Baseband Filter and Tracking Filter
The MAX2165 includes programmable baseband and
tracking filters. The baseband filter bandwidth is con-
trolled through the BB_BW[3:0] bits in the Baseband
Control register (Table 12). The tracking filter’s balun fre-
quency can be programmed through the TF_BAL[3:0] in
the Tracking Filter register (Table 6).
Reading the ROM Table
To accommodate process variations, each part is factory
calibrated. During calibration, the best notch filter settings
for two different notch frequencies, the best balun set-
tings for 470MHz and 780MHz, and the best baseband
filter settings for 6MHz to 8MHz channels are determined.
These settings are stored in an on-chip ROM table that
must be read upon power-up and stored in the micro-
processor local memory (3 bytes total). Table 21 shows
the address and bits for each ROM table entry.
Each ROM table entry must be read using a two-step
process. First, the address of the bits to be read must be
programmed into the TFA[3:0] bits in the ROM Table
Address register (Table 15).
Once the address has been programmed, the data
stored in that address is transferred to the TRF[7:0] bits in
the ROM Table Data Readback register (Table 17). The
ROM data at the specified address can then be read
from the TRF[7:0] bits and stored in the microprocessor’s
local memory.
Interpolating Balun Coefficients
The TF_BAL[3:0] bits must be reprogrammed for each
channel frequency to optimize performance over the
band. The values given for 780MHz and 470MHz in the
ROM table can be used to interpolate the optimal coeffi-
cients for any other frequency using the equation:
where:
Value = decimal value of the optimal TF_BAL[3:0] set-
ting for desired channel frequency, f
BAL_L = decimal value of the optimal TF_BAL[3:0] set-
ting for 470MHz as read from the ROM table
BAL_H = decimal value of the optimal TF_BAL[3:0] set-
ting for 780MHz as read from the ROM table
f = desired channel frequency in MHz
Example: Assume the TF_BAL[3:0] values read from
the ROM table for 780MHz and 470MHz are 14 and 2,
respectively, and we wish to program the balun for
operation at an RF frequency of 620MHz.
Using the previous equation, we can calculate:
Rounding to the nearest integer value gives us 8; there-
fore, when operating at 620MHz, the TF_BAL[3:0] bits in
the Tracking Filter register must be programmed to 1000.
Setting the Baseband Filter
The MAX2165 baseband filter is freely programmable
over a wide range of 3dB cutoff frequencies from
approximately 3.0MHz to 4.3MHz, but the exact cutoff
frequency varies from part-to-part due to manufactur-
ing process variations. To avoid requiring the user to
find the correct setting, the best setting for a 3.9MHz
cutoff frequency (i.e., 8MHz wide DVB-T/-H channels)
is determined by Maxim and stored on a ROM table on
every chip. The user needs to read this value from the
ROM table entry 0x3 (see Table 21) and write it back
into register 0xA bits BB_BW[3:0] (see Table 12) upon
powering up the MAX2165.
Baseband Filter Setting for RF Channels Other than
8MHz or Modulation Types Other than DVB-T
If a different cutoff frequency than 3.9MHz is desired, a
fixed value per Table 22 can be added or subtracted
from the number read-out of the ROM table, before
writing it back into the corresponding MAX2165 register.
This way the factory calibration is still utilized and the
resulting cutoff frequency is still reasonably accurate.
Value at 620MHz 2 (14 - 2) x
620MHz 470MHz
780MHz 470MHz
=+
= 78
.
Value BAL_L (BAL_H BAL_L) x
f
470MHz
780MHz 470MHz
=+


Similar Part No. - MAX2165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
369Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/06
MAX2165EVKIT MAXIM-MAX2165EVKIT Datasheet
369Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/06
MAX2165EVKIT++ MAXIM-MAX2165EVKIT+ Datasheet
369Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/06
More results

Similar Description - MAX2165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Maxim Integrated Produc...
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com