Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3900 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3900
Description  Serial Communications Module For Evaluation Kits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3900 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3900 Datasheet HTML 3Page - Maxim Integrated Products DS3900 Datasheet HTML 4Page - Maxim Integrated Products DS3900 Datasheet HTML 5Page - Maxim Integrated Products DS3900 Datasheet HTML 6Page - Maxim Integrated Products DS3900 Datasheet HTML 7Page - Maxim Integrated Products DS3900 Datasheet HTML 8Page - Maxim Integrated Products DS3900 Datasheet HTML 9Page - Maxim Integrated Products DS3900 Datasheet HTML 10Page - Maxim Integrated Products DS3900 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Serial Communications Module
For Evaluation Kits
_____________________________________________________________________
7
Example: Sending the byte sequence {0x82, 0x20,
0x45, 0x67, 0x89} to DS3900 causes it to:
1.
Send a 2-wire Start condition.
2.
Write the device address R/W =0 (previously set
using Set Packet Device Address).
3.
Write the memory address (0x20).
4.
Write data 0x45 (to address 0x20).
5.
Write data 0x67 (to address 0x21).
6.
Write data 0x89 (to address 0x22).
7.
Send a 2-wire Stop condition.
8.
If the 2-wire device acknowledges all bytes of the
data transmission, the DS3900 will return (0x82);
otherwise it will return an error code (0xFA).
The Packet Read command allows up to 16 data bytes
to be read with a single 2-byte instruction. The read
operation will be sent to the device operating at the
device address set using the Set Packet Device
Address command. The first byte sent for a Packet
Read command is 0x9%, where % is one less than the
number of bytes to read (e.g. 0x95 reads 6 bytes). The
second byte sent determines the memory address to
begin reading from within the device that is being
addressed. After the second byte is received, the
DS3900 will begin a dummy write cycle that will
address the part as if writing, and write out the device
address followed by the memory address. Then a
restart condition is generated, and the device's read
address is sent to start the read operation. The DS3900
will begin reading the data from the 2-wire part and
sending it back to the PC. The DS3900 will acknowl-
edge all but the last data byte sent from the 2-wire part.
The last byte is Not Acknowledged, which is a standard
2-wire practice. Once it has read %+1 data bytes and
sent them to the PC, the DS3900 will send 0x9% if the
read occurred without error, or 0xFA if a problem did
occur.
Example: Sending the byte sequence {0x91, 0x20} to
the DS3900 will cause it to:
1.
Send a 2-wire Start command.
2.
Write the device address R/W =0 (set previously
using Set Packet Device Address).
3.
Write the memory address 0x20.
4.
Send a 2-wire Start command (repeated-start).
5.
Write the device address R/W =1 (set previously
using Set Packet Device Address).
6.
Read the data (at address 0x20), send 2-wire
Acknowledge on 9th clock cycle, and send the
data read back to the PC.
7.
Read the data (at address 0x21), send 2-wire Not
Acknowledge on 9th clock cycle, and send the
data read back to the PC.
SEND START COMMAND, WRITE 0x23 TO POT 0, AND 0X34 TO POT 1, SEND STOP COMMAND
SEQ #
1ST BYTE SENT
2ND BYTE SENT
1ST BYTE RETURNED
2ND BYTE RETURNED
DESCRIPTION
1
0xA0
0x00
Place holder
0xB0
Command ack
None
2-wire start
2
0xA1
0x50
Data
0xB1
Command ack
None
Send 0x50 over
2-wire bus
(send write DS1803 addr)
3
0xA1
0xA9
Data
0xB1
Command ack
None
Send 0xA9 over
2-wire bus
(write pot 0 command)
4
0xA1
0x23
Data
0xB1
Command ack
None
Send 0x23 over
2-wire bus
(write 0x23 to pot 0)
5
0xA1
0x34
Data
0xB1
Command ack
None
Send 0x34 over
2-wire bus
(write 0x23 to pot 1)
6
0xA3
0x00
Place holder
0xB3
Command ack
None
2-wire stop
Table 4. Example of Writing to a DS1803


Similar Part No. - DS3900

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
DS3900EVKIT DALLAS-DS3900EVKIT Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
DS3900H2EVKIT MAXIM-DS3900H2EVKIT Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
DS3900P2 MAXIM-DS3900P2 Datasheet
1Mb / 9P
   USB HID Communications Module for I2C Programming
Rev 0; 8/13
More results

Similar Description - DS3900

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900H2 MAXIM-DS3900H2 Datasheet
1Mb / 14P
   USB HID Communications Module for Evaluation Kits
Rev 0; 6/13
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com