Electronic Components Datasheet Search |
|
PI7C7100 Datasheet(PDF) 43 Page - Pericom Semiconductor Corporation |
|
PI7C7100 Datasheet(HTML) 43 Page - Pericom Semiconductor Corporation |
43 / 132 page 35 09/18/00 Rev 1.1 123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567 123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567 PI7C7100 3-Port PCI Bridge ADVANCE INFORMATION 7. Error Handling PI7C7100 checks, forwards, and generates parity on both the primary and secondary interfaces. To maintain transparency, PI7C7100 always tries to forward the existing parity condition on one bus to the other bus, along with address and data. PI7C100 always attempts to be transparent when reporting errors, but this is not always possible, given the presence of posted data and delayed transactions. To support error reporting on the PCI bus, PI7C7100 implements the following: • PERR# and SERR# signals on both the primary and secondary interfaces • Primary status and secondary status registers • The device-specific P_SERR# event disable register This chapter provides detailed information about how PI7C7100 handles errors. It also describes error status reporting and error operation disabling. 7.1 Address Parity Errors PI7C7100 checks address parity for all transactions on both buses, for all address and all bus commands. When PI7C7100 detects an address parity error on the primary interface, the following events occur: • If the parity error response bit is set in the command register, PI7C7100 does not claim the transaction with P_DEVSEL#; this may allow the transaction to terminate in a master abort. If parity error response bit is not set, PI7C7100 proceeds normally and accepts the transaction if it is directed to or across PI7C7100. • PI7C7100 sets the detected parity error bit in the status register. • PI7C7100 asserts P_SERR# and sets signaled system error bit in the status register, if both the following conditions are met: - The SERR# enable bit is set in the command register. - The parity error response bit is set in the command register. When PI7C7100 detects an address parity error on the secondary interface, the following events occur: • If the parity error response bit is set in the bridge control register, PI7C7100 does not claim the transaction with S1_DEVSEL# or S2_DEVSEL#; this may allow the transaction to terminate in a master abort. If parity error response bit is not set, PI7C7100 proceeds normally and accepts transaction if it is directed to or across PI7C7100. • PI7C7100 sets the detected parity error bit in the secondary status register. • PI7C7100 asserts P_SERR# and sets signaled system error bit in status register, if both of the following conditions are met: - The SERR# enable bit is set in the command register. - The parity error response bit is set in the bridge control register. 7.2 Data Parity Errors When forwarding transactions, PI7C7100 attempts to pass the data parity condition from one interface to the other unchanged, whenever possible, to allow the master and target devices to handle the error condition. The following sections describe, for each type of transaction, the sequence of events that occurs when a parity error is detected and the way in which the parity condition is forwarded across PI7C7100. 7.2.1 Configuration Write Transactions to Configuration Space When PI7C7100 detects a data parity error during a Type 0 configuration write transaction to PI7C7100 configuration space, the following events occur: • If the parity error response bit is set in the command register, PI7C7100 asserts P_TRDY# and writes the data to the configuration register. PI7C7100 also asserts P_PERR#. If the parity error response bit is not set, PI7C7100 does not assert P_PERR#. • PI7C7100 sets the detected parity error bit in the status register, regardless of the state of the parity error response bit. |
Similar Part No. - PI7C7100 |
|
Similar Description - PI7C7100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |