Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2881F Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2881F
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2881F Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2881F Datasheet HTML 2Page - New Japan Radio NJM2881F Datasheet HTML 3Page - New Japan Radio NJM2881F Datasheet HTML 4Page - New Japan Radio NJM2881F Datasheet HTML 5Page - New Japan Radio NJM2881F Datasheet HTML 6Page - New Japan Radio NJM2881F Datasheet HTML 7Page - New Japan Radio NJM2881F Datasheet HTML 8Page - New Japan Radio NJM2881F Datasheet HTML 9Page - New Japan Radio NJM2881F Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2881/82
- 9 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
-0.2
-0.1
0
0.1
0.2
-50
0
50
100
150
NJM2881/82_3.0V
Line Regulation v.s. Temperature
@:VIN=4.0-9.0V
Io=30mA
Co=1.0uF(Ceramic)
Cp=0.01uF
Temperature :Ta [
oC]
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
0
50
100
150
NJM2881/82_3.0V
Load Regulation v.s. Temperature
@:VIN=4.0V
Io=0-100mA
Co=1.0uF(Ceramic)
Cp=0.01uF
Temperature :Ta [
oC]
0
0.5
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
200
NJM2881/82_3.0V
Output Voltage v.s. Temperature
@:VIN=4.0V
Io=30mA
Co=1.0uF(Ceramic)
Cp=0.01uF
Temperature :Ta [
oC]
0
50
100
150
200
-50
0
50
100
150
NJM2881/82_3.0V
Short Circuit Current v.s. Temperature
@:VIN=4.0V
Output is short to ground.
Co=1.0uF(Ceramic)
Cp=0.01uF
Temperature :Ta [
oC]
0
2
4
6
8
10
12
-20
-15
-10
-5
0
5
10
15
20
012
345
NJM2881_3.0V
ON/OFF Transient Response without Load
Time : t [S]
Control Voltage
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=1.0uF(Ceramic)
Cp=0.01uF
Io=0mA
0
2
4
6
8
10
12
-20
-15
-10
-5
0
5
10
15
20
0
4
8
121620
NJM2881_3.0V
ON/OFF Transient Response
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25
o
C
VDD=4.0V
Co=1.0uF(Ceramic)
Cp=0.01uF
Io=30mA


Similar Part No. - NJM2881F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2880 NJRC-NJM2880 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U03 NJRC-NJM2880U03 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U05 NJRC-NJM2880U05 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U21 NJRC-NJM2880U21 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U25 NJRC-NJM2880U25 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2881F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com