Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP805 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTP805
Description  8051 Embedded USB/PS2 Keyboard/Mouse Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTP805 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTP805 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MYSON
TECHNOLOGY
MTP805
(Rev. 0.9)
8051 Embedded USB/PS2 Keyboard/Mouse
Controller
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 0.9
- 1 -
2000/07/19
FEATURES
8051 core, 6MHz operating frequency.
256-byte RAM, 8K-byte program Flash-ROM.
Compliant with Low Speed USB Spec.1.1 including 3 Endpoints: one is Control endpoint (8-byte IN & 8-
byte OUT FIFOs), the other two are Interrupt endpoints (8-byte IN FIFOs).
Built-in 3.3V regulator for USB Interface.
Suspend / Resume operation.
Idle and Power down mode wake-up by interrupt.
8 dedicated Key scan input pins and 18/19 Key scan output pins.
Built-in low power reset circuit and Watchdog timer.
PS2 compatible mouse interface.
PS2 compatible keyboard interface share with USB interface.
CPU clock can be double by S/W setting.
40-pin DIP, 42-pin SDIP or 44-pin PLCC package.
GENERAL DESCRIPTIONS
The MTP805 micro-controller is an 8051 CPU core embedded device specially tailored to USB/PS2
Keyboard/Mouse applications. It includes an 8051 CPU core, 256-byte SRAM, Low Speed USB Interface
and an 8K-byte internal program Flash-ROM.
BLOCK DIAGRAM
P1.0~7
8051
KSO0~7
P2.0~7
KSO8~15
P3.0
MSDATA
P3.1
MSCLK
P3.4
PS2CLK
P3.5
PS2DATA
OSC2
OSC1
RESET
DBUS
P0.0~7
/RD
/WR
ALE
/INT0
/INT1
P3.7
P3.6
ALE
P3.2
P3.3
XFR
SIE
XCVR
KSO16~17
GPIO0~1
KSI0~7
LED0~2
GPO0
V33
DP
DM
WDT


Similar Part No. - MTP805

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP8107X8 CYSTEKEC-MTP8107X8 Datasheet
423Kb / 9P
   P-Channel Enhancement Mode MOSFET
logo
Adam Technologies, Inc.
MTP810G ADAM-TECH-MTP810G Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP810U ADAM-TECH-MTP810U Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP810W ADAM-TECH-MTP810W Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP84G ADAM-TECH-MTP84G Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
More results

Similar Description - MTP805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
   3D USBPS2 Mouse
logo
Pixart Imaging Inc.
PAW3552DB PIXART-PAW3552DB Datasheet
1Mb / 8P
   USB/PS2 Optical Mouse SoC
logo
Holtek Semiconductor In...
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
logo
ATMEL Corporation
AT43USB325 ATMEL-AT43USB325_05 Datasheet
1Mb / 109P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363_07 Datasheet
509Kb / 23P
   Single-chip USB/PS2 optical mouse
logo
ATMEL Corporation
AT43USB326 ATMEL-AT43USB326_06 Datasheet
1Mb / 102P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
   Single-chip USB/PS2 optical mouse
logo
NHP Electrical Engineer...
6189V-KBDEPC1U NHP-6189V-KBDEPC1U Datasheet
468Kb / 1P
   IPC ACCS USB KEYBOARD/MOUSE 84KEY
8 June 2023,
logo
List of Unclassifed Man...
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com