Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16153ACBT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16153ACBT
Description  nanoPower Supervisor and Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16153ACBT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16153ACBT Datasheet HTML 1Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 2Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 3Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 4Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 5Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 6Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 7Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 8Page - Maxim Integrated Products MAX16153ACBT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics
((VCC = 1.2V to 5.5V, TA = -40ºC to +125ºC. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by production test and/or characterization. Typical values are at TA = +25ºC and VCC = VTH + 150mV.))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
1.2
5.5
V
Supply Current
Outputs not asserted, VCC = VTH +
150mV
400
900
nA
VCC Threshold Range
1.5
5
V
VCC Reset Threshold
Accuracy
VTH_AC
VCC falling
-2.5
+2.5
%
VCC Reset Threshold
Hysteresis
VCC rising
0.4
%
VCC to Reset Delay
tRD
VCC falling from (VTH + 100mV) to (VTH -
100mV)
80
μs
Reset Timeout Period
Accuracy
tRP_AC
Note 1
-50
+50
%
WATCHDOG
Watchdog Timeout
Period Accuracy
tWD_AC
-50
+50
%
Watchdog Startup Delay
Accuracy
tSTART-UP_AC
-50
+50
%
Watchdog Setup Time
tSETUP
Time between low-to-high transition of
WD_EN and watchdog timer enabled.
300
μs
Output Voltage Low
VOL
VCC ≥ 1.0V, ISINK = 50μA
0.3
V
VCC > 2.7V, ISINK = 1.2mA
0.3
VCC > 4.5V, ISINK = 3.2mA
0.4
Watchdog Input Pulse
Width
tWDI
After WDO deasserted
1
μs
Watchdog Output Pulse
Width
tWDO
100
300
ms
Input Voltage High
VIH
0.8 x
VCC
V
Input Logic-Low
VIL
WDI, MR, WD_EN
VCC ≥ 3.3V
0.3 x
VCC
V
1.5V ≥ VCC
0.3 x
VCC
Watchdog Output
Leakage Current
VWDO = 0 to 5.5V, output deasserted
1
μA
Reset Ouput Leakage
Current
VRST = 0 to 5.5V, reset output
deasserted
1
μA
WD_EN Input Glitch
Rejection
300
ns
Manual Reset Input
Glitch Rejection
200
ns
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 4


Similar Part No. - MAX16153ACBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615 MAXIM-MAX1615 Datasheet
92Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16150AUT+T MAXIM-MAX16150AUT+T Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16150AWT+T MAXIM-MAX16150AWT+T Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16150BUT+T MAXIM-MAX16150BUT+T Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
More results

Similar Description - MAX16153ACBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com