Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS1232 Datasheet(PDF) 9 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CS1232
Description  24-bit Sigma-Delta ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1232 Datasheet(HTML) 9 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1232 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 13Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CS1232
R
Re
ev
v..1
1..5
5
99
2233
1.6
电气特性
所有的参数测试在环境温度-20~85℃,AVDD = DVDD = 5V,REFP = 5V,REFN = 0V 的条件
下测试,除非有其它注明。
表3 CS1232 电气特性(AVDD = DVDD = 5V )
参数
条件
最小值
典型值
最大值
单位
模拟输入
满幅输入电压
(AINP-AIN)
±0.5VREF/PGA
V
共模输入电压
PGA=1,2
AGND-0.1
AVDD+0.1
V
PGA=64,128
AGND+1.5
AVDD-1.5
V
共模电压抑制比
125
dB
差分输入阻抗
PGA=64、128
>1
GΩ
PGA=1、2
>1
GΩ
系统性能
分辨率
无失码
24
Bits
AD速率
时钟为4.9152MHz
10
80
Hz
建立时间
全建立
4
转换周期
P-P噪声
PGA=128,DR=10Hz
139
nv
积分线性度
PGA=128
±6
ppm
失调误差
PGA=128
-1
uV
失调误差漂移
PGA=128
25
nv/℃
增益误差
PGA=128
±0.1
%
增益误差漂移
PGA=128
6
ppm/℃
参考电压输入
负参考电压输入
REFN
AGND-0.1
AGND+0.6
V
正参考电压输入
REFP
REFN +2.5
AVDD+0.1
V
REFP -REFN
2.5
AVDD
AVDD+0.1
V
参考电压抑制比
54
dB
电源
模拟电源电压
AVDD
2.8
5
5.5
V
数字电源电压
DVDD
2.8
5
5.5
V
电源电压抑制比
PGA=1、2
90
dB
PGA=64、128
110
dB
模拟部分电流
普通
模式
PGA=1、2
2
mA
PGA=64、128
3
mA
Standby mode
6
uA
Power down
0.1
uA
数字部分电流
normal mode
400
uA
Standby mode
150
uA
Power down
1.5
uA
时钟
内部振荡器频率
4.6
5
5.4
MHz
内置时钟温漂
250
ppm/℃
外部时钟频率
0.2
4.9152
8
MHz


Similar Part No. - CS1232

ManufacturerPart No.DatasheetDescription
Lumileds Lighting Company
Lumileds Lighting Compa...
CS123 LUMILEDS-CS123 Datasheet
3Mb / 3P
   Selfridges Windows Entice Like Never Before With Dynamic Lighting
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
More results

Similar Description - CS1232

ManufacturerPart No.DatasheetDescription
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
List of Unclassifed Manufacturers
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
   24-bit Sigma-Delta ADC
Analog Devices
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
Intersil Corporation
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
Renesas Technology Corp
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
Intersil Corporation
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz