Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS1232 Datasheet(PDF) 5 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CS1232
Description  24-bit Sigma-Delta ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1232 Datasheet(HTML) 5 Page - Core Technology (Shenzhen) Co., Ltd.

  CS1232 Datasheet HTML 1Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 2Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 3Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CS1232
R
Re
ev
v..1
1..5
5
55
2233
1
芯片功能说明
CS1232是高精度、低功耗模数转换芯片。其分辨率为24bit,有效分辨率可达20.8位。可以
广泛使用在工艺控制、量重、液体/气体化学分析、血液分析、智能发送器、便携测量仪器
领域
1.1
芯片主要功能特性
集成低噪声 PGA,放大倍数可选 1,2,64,128
集成 2 通道 24 位无失码的差分输入 ADC,PGA=128 时 ENOB 为 20.8 位
P-P 噪声:10Hz:139nV;80Hz:298nV
集成 RC 振荡器(±8%),也可外接晶振或时钟输入
输出速率 10Hz/80Hz 可选
集成 2 线 SPI 通讯接口
集成温度传感器
INL 小于 0.001%
1.2
芯片应用场合
工业过程控制
电子秤
液体/气体化学分析
血液计
智能变换器
便携式设备


Similar Part No. - CS1232

ManufacturerPart No.DatasheetDescription
Lumileds Lighting Company
Lumileds Lighting Compa...
CS123 LUMILEDS-CS123 Datasheet
3Mb / 3P
   Selfridges Windows Entice Like Never Before With Dynamic Lighting
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
More results

Similar Description - CS1232

ManufacturerPart No.DatasheetDescription
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
List of Unclassifed Manufacturers
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
   24-bit Sigma-Delta ADC
Analog Devices
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
Intersil Corporation
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
Renesas Technology Corp
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
Intersil Corporation
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz