Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1231 Datasheet(PDF) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1231
Description  24-bit Sigma-Delta ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1231 Datasheet(HTML) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1231 Datasheet HTML 3Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CS1231
R
Re
ev
v..1
1..5
5
77
2211
1.4
芯片最大极限值
表1 CS1231 极限值
名称
符号
最小
最大
单位
模拟电源电压
AVDD
-0.3
6
V
数字电源电压
DVDD
-0.3
6
V
数字地与模拟地之间压差
-0.3
0.3
V
电源瞬间电流
100
mA
电源恒定电流
10
mA
数字管脚输入电压
-0.3
DVDD+0.3
V
模拟管脚输入电压
-0.3
AVDD+0.3
V
节温
150
工作温度
-40
105
储存温度
-60
150
芯片管脚焊接温度
240


Similar Part No. - CS1231

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
CS123 LUMILEDS-CS123 Datasheet
3Mb / 3P
   Selfridges Windows Entice Like Never Before With Dynamic Lighting
logo
Core Technology (Shenzh...
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
More results

Similar Description - CS1231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
CS1243 CHIPSEA-CS1243 Datasheet
713Kb / 30P
   24-bit Sigma-Delta ADC
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD4111 AD-AD4111 Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com