Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX33250EELC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX33250EELC
Description  600V Isolated 2Tx/2Rx and 1Tx/1Rx RS-232 Transceiver with 짹15kV ESD and Integrated Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX33250EELC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX33250EELC Datasheet HTML 1Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 2Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 3Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 4Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 5Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 6Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 7Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 8Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
VCCA to GNDA ......................................................... -0.3V to +6V
VCCB to GNDB ......................................................... -0.3V to +6V
T_IN to GNDA .......................................................... -0.3V to +6V
T_OUT to GNDB ............................................................... ±13.2V
R_IN to GNDB ...................................................................... ±25V
R_OUT to GNDA ...................................................... -0.3V to +6V
Short-Circuit Duration (T_OUT to GNDB) .................. Continuous
Short-Circuit Duration (R_OUT to GNDA) .................. Continuous
Side A (VCCA, T1IN, T2IN, R1OUT, R2OUT) to GNDA ESD±2kV
Side B (VCCB) to GNDB ESD ...............................................±2kV
Side B (T1OUT, T2OUT, R1IN, R2IN) to GNDB ESD HBM±15kV
Continuous Power Dissipation (Single Layer Board) (TA =
+70°C, derate 10mW/°C above +70°C.) ...........................510mW
Continuous Power Dissipation (Multilayer Board) (TA =
+70°C, derate 10mW/°C above +70°C.) ...........................700mW
Operating Temperature Range .............................-40°C to +85°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Package Information
LGA-12
Package Code
L1266M+1
Outline Number
21-100222
Land Pattern Number
90-100078
Thermal Resistance, Single-Layer Board:
Junction-to-Ambient (θJA)
157°C/W
Junction-to-Case Thermal Resistance (θJC)
31°C/W
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
115°C/W
Junction-to-Case Thermal Resistance (θJC)
31°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
MAX33250E/MAX33251E
600V Isolated 2Tx/2Rx and 1Tx/1Rx RS-232
Transceiver with ±15kV ESD
and Integrated Capacitors
www.maximintegrated.com
Maxim Integrated | 2


Similar Part No. - MAX33250EELC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX33250E MAXIM-MAX33250E Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
MAX33250ESHLD MAXIM-MAX33250ESHLD Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
MAX33250ESHLD# MAXIM-MAX33250ESHLD# Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
More results

Similar Description - MAX33250EELC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223E MAXIM-MAX13223E_V01 Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
logo
Exar Corporation
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202 EXAR-XR19L202 Datasheet
942Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200 Datasheet
726Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com