Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX33250EELC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX33250EELC
Description  600V Isolated 2Tx/2Rx and 1Tx/1Rx RS-232 Transceiver with 짹15kV ESD and Integrated Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX33250EELC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX33250EELC Datasheet HTML 6Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 7Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 8Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 9Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 10Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 11Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 12Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 13Page - Maxim Integrated Products MAX33250EELC Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Insulation and Safety Characteristics
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
IEC INSULATION AND SAFETY RELATED FOR SPECIFICATIONS
External Tracking (Creepage)
CPG
IEC 60664-1
4.4
mm
External Air Gap (Clearance)
CLR
IEC 60664-1
4.4
mm
Minimum Internal Gap
Insulation Thickness
0.0026
mm
Tracking Resistance
(Comparative Tracking Index)
CTI
IEC 112/VDE 030 Part 1
175
V
Insulation Resistance Across Barrier
RISO
1
Capacitance Across Isolation Barrier
CIO
f = 1MHz
12
pF
VDE IEC INSULATION CHARACTERISTICS
Surge Isolation Voltage
VIOSM
IEC 60747-17, section 5.3.1.6 and 5.4.6 for basic
insulation
1
kVPEAK
Repetitive Peak Isolation Voltage
VIORM
IEC 60747-17, section 5.3.1.3
282
kVPEAK
Rated Transient Isolation Voltage
VIOTM
IEC 60747-17, section 5.3.1.4
850
kVPEAK
Safety Limiting Temperature
TS
IEC 60747-17, section 7.2.1
150
°C
Safety
Limiting
Side
A
Power
Dissipation
PSA
IEC 60747-17, section 7.2.1
0.75
W
Safety
Limiting
Side
B
Power
Dissipation
PSB
IEC 60747-17, section 7.2.1
0.75
W
Apparent Charge Method
qpd
IEC 60747-17, section 7.4 method a and b
5
pC
Overvoltage Category
IEC 60664-1, single or three phase 50V DC or AC
I,II
Overvoltage Category
IEC 60664-1, single or three phase 100V DC or AC
I
Climatic Category
40/125/21
Pollution Degree
DIN VDE 0110
2
MAX33250E/MAX33251E
600V Isolated 2Tx/2Rx and 1Tx/1Rx RS-232
Transceiver with ±15kV ESD
and Integrated Capacitors
www.maximintegrated.com
Maxim Integrated | 11


Similar Part No. - MAX33250EELC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX33250E MAXIM-MAX33250E Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
MAX33250ESHLD MAXIM-MAX33250ESHLD Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
MAX33250ESHLD# MAXIM-MAX33250ESHLD# Datasheet
620Kb / 9P
   5V, 500mA DC power supply
Rev 0; 9/18
More results

Similar Description - MAX33250EELC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223E MAXIM-MAX13223E_V01 Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
logo
Exar Corporation
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202 EXAR-XR19L202 Datasheet
942Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200 Datasheet
726Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com