Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100889062 Datasheet(PDF) 8 Page - MKS Instruments.

Part # 100889062
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100889062 Datasheet(HTML) 8 Page - MKS Instruments.

Back Button 100889062 Datasheet HTML 4Page - MKS Instruments. 100889062 Datasheet HTML 5Page - MKS Instruments. 100889062 Datasheet HTML 6Page - MKS Instruments. 100889062 Datasheet HTML 7Page - MKS Instruments. 100889062 Datasheet HTML 8Page - MKS Instruments. 100889062 Datasheet HTML 9Page - MKS Instruments. 100889062 Datasheet HTML 10Page - MKS Instruments. 100889062 Datasheet HTML 11Page - MKS Instruments. 100889062 Datasheet HTML 12Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CF half nipple
in./(mm)
Flange Size
For Tubing
Size (OD)
A
B
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
4 1/2
4 5/8
.75 (19)
1.00 (25)
1.50 (38)
2.00 (51)
2.50 (64)
3.00 (76)
.62 (16)
.87 (22)
1.37 (35)
1.87 (47)
2.37 (60)
2.87 (73)
1.50 (38)
2.05 (52)
2.43 (62)
3.21 (82)
4.13 (105)
4.93 (125)
100881046
100882040
100883049
100884027
100885032
100885531
• Buttweld
• Forusewithorbitalwelders
• Thruholes
CF Full nipple
in./(mm)
Flange Size
For Tubing
Size (OD)
A
B
Part Number
1 1/3
2 1/8
2 3/4
2 3/4*
3 3/8
4 1/2
4 5/8
.75 (19)
1.00 (25)
1.50 (38)
1.50 (38)
2.00 (51)
2.50 (64)
3.00 (76)
.62 (16)
.87 (22)
1.37 (35)
1.37 (35)
1.87 (47)
2.37 (60)
2.87 (73)
3.00 (76)
4.10 (104)
4.92 (125)
4.00 (102)
6.42 (163)
8.26 (210)
9.88 (250)
100881047
100882041
100883050
100883069
100884028
100885033
100885532
• Speciallengthstoorder
• Thruholes
* Includes 12 mesh screen,
½'' in from rotatable port


Similar Part No. - 100889062

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100889062

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com