Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100889049 Datasheet(PDF) 6 Page - MKS Instruments.

Part # 100889049
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100889049 Datasheet(HTML) 6 Page - MKS Instruments.

Back Button 100889049 Datasheet HTML 2Page - MKS Instruments. 100889049 Datasheet HTML 3Page - MKS Instruments. 100889049 Datasheet HTML 4Page - MKS Instruments. 100889049 Datasheet HTML 5Page - MKS Instruments. 100889049 Datasheet HTML 6Page - MKS Instruments. 100889049 Datasheet HTML 7Page - MKS Instruments. 100889049 Datasheet HTML 8Page - MKS Instruments. 100889049 Datasheet HTML 9Page - MKS Instruments. 100889049 Datasheet HTML 10Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CF Flanges
in/(mm)
Flange Size
For Tubing OD
Rotatable /
Non-Rotatable
Bolt Holes
Part Number
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
3 3/8
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 1/2
4 5/8
4 5/8
4 5/8
4 5/8
4 5/8
4 5/8
4 5/8
4 5/8
Blank
Blank
Blank
Blank
1.50 (38)
1.50 (38)
1.50 (38)
1.50 (38)
2.00 (51)
2.00 (51)
2.00 (51)
2.00 (51)
Blank
Blank
Blank
Blank
1.50 (38)
1.50 (38)
1.50 (38)
1.50 (38)
2.00 (51)
2.00 (51)
2.00 (51)
2.00 (51)
2.50 (64)
2.50 (64)
2.50 (64)
2.50 (64)
Blank
Blank
Blank
Blank
3.00 (76)
3.00 (76)
3.00 (76)
3.00 (76)
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Rotatable
Rotatable
Non-Rotatable
Non-Rotatable
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
Thru
Tapped
100884006
100884009
100884000
100884003
100884007
100884010
100884001
100884004
100884008
100884011
100884002
100884005
100885008
100885012
100885000
100885004
100885009
100885013
100885001
100885005
100885010
100885014
100885002
100885006
100885011
100885015
100885003
100885007
100885504
100885506
100885500
100885502
100885505
100885507
100885501
100885503


Similar Part No. - 100889049

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
   N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Festo Corporation.
10088 FESTO-10088 Datasheet
97Kb / 1P
   Pressure gauge
logo
Heyco.
10088 HEYCO-10088 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Schneider Electric
1008801 SCHNEIDER-1008801 Datasheet
103Kb / 2P
   Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/ release, horn, NEMA 3R, steel
More results

Similar Description - 100889049

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
   One-touch Fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Glenair, Inc.
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com