Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100003049 Datasheet(PDF) 14 Page - MKS Instruments.

Part # 100003049
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100003049 Datasheet(HTML) 14 Page - MKS Instruments.

Back Button 100003049 Datasheet HTML 10Page - MKS Instruments. 100003049 Datasheet HTML 11Page - MKS Instruments. 100003049 Datasheet HTML 12Page - MKS Instruments. 100003049 Datasheet HTML 13Page - MKS Instruments. 100003049 Datasheet HTML 14Page - MKS Instruments. 100003049 Datasheet HTML 15Page - MKS Instruments. 100003049 Datasheet HTML 16Page - MKS Instruments. 100003049 Datasheet HTML 17Page - MKS Instruments. 100003049 Datasheet HTML 18Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
thin Wall metal hose
in./(mm)
Flange
Size
Static
Bend
Radius
A
B
Wall
Thickness
Spring
Rate
(lb/in)
Part Number
1 1/3
1 1/3
1 1/3
2 1/8
2 1/8
2 1/8
2 3/4
2 3/4
2 3/4
3 3/8
3 3/8
3 3/8
4 1/2
4 1/2
4 1/2
1.63 (41)
1.63 (41)
1.63 (41)
1.38 (35)
1.38 (35)
1.38 (35)
2.50 (64)
2.50 (64)
2.50 (64)
3.25 (83)
3.25 (83)
3.25 (83)
6.75 (172)
6.75 (172)
6.75 (172)
11.3 (287)
21.2 (539)
40.9 (1039)
11.3 (287)
22.1 (561)
41.8 (1062)
12.3 (312)
22.1 (561)
41.9 (1064)
13.3 (338)
23.2 (589)
42.9 (1090)
13.8 (351)
23.7 (602)
43.4 (1102)
7.8 (198)
13.8 (351)
25.6 (650)
7.8 (198)
14.7 (373)
26.5 (673)
8.7 (221)
14.1 (358)
25.0 (635)
10.5 (267)
17.0 (432)
29.8 (757)
9.1 (231)
16.2 (412)
30.3 (770)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
.006 (.152)
27
12
9
16
7
3
9
4
2
13
6
3
15
7
3
100881032
100881033
100881034
100882020
100882021
100882022
100883032
100883033
100883034
100884016
100884017
100884018
100885020
100885021
100885022
• Type321stainlesssteel
• Speciallengthstoorder
• Bothendsmustbesupportedforthe41/2
and 6 inch sizes
Flange protector Caps
Flange Size
Description
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
Flange protector cap, plastic
Flange protector cap, plastic
Flange protector cap, plastic
Flange protector cap, plastic
100003050
100005285
100003049
100003048


Similar Part No. - 100003049

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
1000030000 ETC2-1000030000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 100003049

ManufacturerPart #DatasheetDescription
MKS Instruments.
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
Glenair, Inc.
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
Copal Electronics
Copal Electronics
PG-35L COPAL-PG-35L Datasheet
280Kb / 8P
   HIGH VACUUM CORRESPONDENCE
NXP Semiconductors
NXP Semiconductors
90AV PHILIPS-90AV Datasheet
255Kb / 13P
   HIGH VACUUM PHOTOCELL
19.4.1949
Glenair, Inc.
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
   Conduit-to-Pipe Fittings
M24758-16-02-01 GLENAIR-M24758-16-02-01 Datasheet
120Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
List of Unclassifed Manufacturers
List of Unclassifed Man...
XD-18 ETC2-XD-18 Datasheet
126Kb / 2P
   HIGH VOLTAGE HIGH VACUUM DIODE
Copal Electronics
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
Protek Devices
Protek Devices
K1-076 PROTEC-K1-076_15 Datasheet
451Kb / 6P
   HIGH POWERED TVS COMPONENT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com