Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100003050 Datasheet(PDF) 3 Page - MKS Instruments.

Part No. 100003050
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

100003050 Datasheet(HTML) 3 Page - MKS Instruments.

  100003050 Datasheet HTML 1Page - MKS Instruments. 100003050 Datasheet HTML 2Page - MKS Instruments. 100003050 Datasheet HTML 3Page - MKS Instruments. 100003050 Datasheet HTML 4Page - MKS Instruments. 100003050 Datasheet HTML 5Page - MKS Instruments. 100003050 Datasheet HTML 6Page - MKS Instruments. 100003050 Datasheet HTML 7Page - MKS Instruments. 100003050 Datasheet HTML 8Page - MKS Instruments. 100003050 Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Series 88 Components
Gasket
Non-rotatable
Flange
Rotatable
Flange
Figure 1 —
CF Flange Installation
Standard size inch tubing provides easy and economical
connection to the user’s equipment. Full and half nipples,
adapters to a variety of other connection elements, tees,
elbows, crosses, and flexible metal hoses for vibration
isolation and movement give the line added versatility.
With its extensive engineering capabilities, MKS provides
custom designed and manufactured shapes and sizes of
components. Custom vacuum chambers can be fabricated
as well as unique space and time saving fittings and
adapters.
table 1 - gaskets and torque
size
metal gasket Dimensions
in/(mm)
maximum torque
for sealing
ft./lbs
(newton-meters)
Outer Diameter
Inner Diameter
1 1/3''
0.84/(21)
0.64/(16)
5/(7)
2 1/8''
1.29/(33)
1.01/(26)
16/(22)
2 3/4''
1.90/(48)
1.45/(37)
16/(22)
3 3/8''
2.43/(62)
2.01/(51)
26/(35)
4 1/2''
3.24/(82)
2.51/(64)
26/(35)
4 5/8''
3.60/(91)
3.01/(76)
26/(35)
Note: Metal gaskets are .08'' thick.
specifications
Minimum Pressure
(with metal seals)
10
-13 Torr
Leak Check
< 10
-9 std-cc/s
Materials
Components
Gaskets
Bolts
Type 304 Stainless Steel
Copper, Silver Plated Copper or
Viton
Type 304 Stainless or Silver Plated
Stainless
Metal Gasket Thickness
.08''/(2.03 mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn