Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC373DW Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC373DW
Description  Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC373DW Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC373DW Datasheet HTML 1Page - Integral Corp. IN74AC373DW Datasheet HTML 2Page - Integral Corp. IN74AC373DW Datasheet HTML 3Page - Integral Corp. IN74AC373DW Datasheet HTML 4Page - Integral Corp. IN74AC373DW Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC373
419
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input D to Q
(Figure 1)
3.3
5.0
1.5
1.5
13.5
9.5
1.5
1.5
15.0
10.5
ns
tPHL
Propagation Delay, Input D to Q
(Figure 1)
3.3
5.0
1.5
1.5
13.0
9.5
1.5
1.5
14.5
10.5
ns
tPLH
Propagation Delay, Latch Enable to Q (Figure
2)
3.3
5.0
1.5
1.5
13.5
9.5
1.5
1.5
15.0
10.5
ns
tPHL
Propagation Delay, Latch Enable to Q (Figure
2)
3.3
5.0
1.5
1.5
12.5
9.5
1.5
1.5
14.0
10.5
ns
tPZH
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
1.5
1.5
11.5
8.5
1.0
1.0
13.0
9.5
ns
tPZL
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
1.5
1.5
11.5
8.5
1.0
1.0
13.0
9.5
ns
tPHZ
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
1.5
1.5
12.5
11.0
1.0
1.0
14.5
12.5
ns
tPLZ
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
1.5
1.5
11.5
8.5
1.0
1.0
12.5
10.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
tsu
Minimum Setup Time, Input D to Latch
Enable (Figure 4)
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Minimum Hold Time, Latch Enable to
Input D (Figure 4)
3.3
5.0
1.0
1.0
1.0
1.0
ns
tw
Minimum Pulse Width, Latch Enable
(Figure 2)
3.3
5.0
5.5
4.0
6.0
4.5
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC373DW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC373DW IKSEMICON-IN74AC373DW Datasheet
258Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC373DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC373 KODENSHI-KK74AC373 Datasheet
353Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
KK74ACT373 KODENSHI-KK74ACT373 Datasheet
348Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC373 IKSEMICON-IN74AC373 Datasheet
258Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
IN74ACT373 IKSEMICON-IN74ACT373 Datasheet
338Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT373 SLS-SL74HCT373 Datasheet
52Kb / 5P
   Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74AC573 IKSEMICON-IN74AC573 Datasheet
260Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HCT373A INTEGRAL-IN74HCT373A Datasheet
116Kb / 5P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT573A KODENSHI-KK74HCT573A Datasheet
251Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT573 IKSEMICON-IN74ACT573 Datasheet
341Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com