Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100881052 Datasheet(PDF) 11 Page - MKS Instruments.

Part No. 100881052
Description  CF Component Ultra high vacuum fittings
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MKS [MKS Instruments.]
Homepage  https://www.mksinst.com/
Logo 

100881052 Datasheet(HTML) 11 Page - MKS Instruments.

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Ordering Information
CF elbow 45° smooth radius
in./(mm)
Flange Size
For Tubing OD
A
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
4 1/2
4 5/8
.75 (19)
1.00 (25)
1.50 (38)
2.00 (51)
2.50 (64)
3.00 (76)
.81 (21)
1.35 (34)
1.82 (46)
2.53 (64)
3.37 (86)
4.05 (103)
100881052
100882038
100883061
100884039
100885037
100885528
• Flangessamesizeonbothsides
CF elbow 90° smooth radius
in./(mm)
Flange Size
For Tubing OD
A
Part Number
1 1/3
2 1/8
2 3/4
3 3/8
4 1/2
4 5/8
.75 (19)
1.00 (25)
1.50 (38)
2.00 (51)
2.50 (64)
3.00 (76)
1.50 (38)
2.22 (56)
2.46 (63)
3.21 (82)
4.13 (105)
4.86 (123)
100881030
100882039
100883030
100884014
100885018
100885529
• Flangessamesizeonbothsides


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn