Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S300D Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part No. S300D
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENESIC [GeneSiC Semiconductor, Inc.]
Homepage  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S300D Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  S300D Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S300D Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S300D Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 1600 V - 2000 V
IF =300 A
Features
• High Surge Capability
DO-9 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Continuous forward current
IF
A
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Diode forward voltage
μA
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
°C/W
2. Reverse polarity (R): Stud is anode.
0.16
12
10
IR
VF
VR = 1600 V, Tj = 175 °C
V
A
-55 to 150
6850
300
S300Y (R)
1600
1131
1600
300
6850
-55 to 150
S300Y thru S300ZR
VR = 1600 V, Tj = 25 °C
IF = 300 A, Tj = 25 °C
TC ≤ 130 °C
Conditions
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Silicon Standard
Recovery Diode
Conditions
TC = 25 °C, tp = 8.3 ms
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
• Types from 1600 V to 2000 V V
RRM
0.16
2000
1414
2000
1.2
S300Z (R)
-55 to 150
-55 to 150
S300Z (R)
S300Y (R)
1.2
10
12
Reverse current
C
A
A
C
Stud Stud
(R)
C
A
A
C
Stud Stud
(R)
DO-9 (DO--205AB)
9(DO205AB)
G
A
E
D
H
I
F
B
C
1
Oct. 2018
http://www.diodemodule.com/silicon_products/studs/s300y.pdf


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn