Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T905PGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT5T905PGI
Description  2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T905PGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT5T905PGI Datasheet HTML 6Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 7Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 8Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 9Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 10Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 11Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 12Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 13Page - Integrated Device Technology IDT5T905PGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INDUSTRIALTEMPERATURERANGE
10
IDT5T905
2.5VSINGLEDATARATE1:5CLOCKBUFFERTERABUFFER
NOTES:
1. See RECOMMENDED OPERATING RANGE table.
2. For 1.8V LVTTL single-ended operation, the RxS pin is allowed to float or tied to VDD/2 and A/VREF is tied to GND.
3. VDIF specifies the minimum input differential voltage (VTR - VCP) required for switching where VTR is the "true" input level and VCP is the "complement" input level. Differential mode
only. The DC differential voltage must be maintained to guarantee retaining the existing HIGH or LOW input. The AC differential voltage must be achieved to guarantee switching
to a new state.
4. VCM specifies the maximum allowable range of (VTR + VCP) /2. Differential mode only.
5. For single-ended operation in differential mode, A/VREF is tied to the DC voltage VREF. The input is guaranteed to toggle within ±200mV of VREF when VREF is constrained within
+600mV and VDDI-600mV, where VDDI is the nominal 1.8V power supply of the device driving the A input. To guarantee switching in voltage range specified in the JEDEC 1.8V
LVTTL interface specification, VREF must be maintained at 900mV with appropriate tolerances.
6. Voltage required to maintain a logic HIGH, single-ended operation in differential mode.
7. Voltage required to maintain a logic LOW, single-ended operation in differential mode.
8. Typical values are at VDD = 2.5V, VDDQ = 1.8V, +25°C ambient.
9. The reference clock input is capable of HSTL, eHSTL, LVEPECL, 1.8V or 2.5V LVTTL operation independent of the device output. The correct input interface table should be
referenced.
10. This value is the worst case minimum VIH over the specification range of the 1.8V power supply. The 1.8V LVTTL specification is VIH = 0.65 • VDD where VDD is 1.8V ± 0.15V.
However, the LVTTL translator is supplied by a 2.5V nominal supply on this part. To ensure compliance with the specification, the translator was designed to accept the calculated
worst case value ( VIH = 0.65 • [1.8 - 0.15V]) rather than reference against a nominal 1.8V supply.
11. This value is the worst case maximum VIL over the specification range of the 1.8V power supply. The 1.8V LVTTL specification is VIL = 0.35 • VDD where VDD is 1.8V ± 0.15V.
However, the LVTTL translator is supplied by a 2.5V nominal supply on this part. To ensure compliance with the specification, the translator was designed to accept the calculated
worst case value ( VIH = 0.35 • [1.8 + 0.15V]) rather than reference against a nominal 1.8V supply.
12. For differential mode (RxS = LOW), A and A/VREF must be at the opposite rail.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR 1.8V
LVTTL(1)
Symbol
Parameter
Test Conditions
Min.
Typ.(8)
Max
Unit
InputCharacteristics
IIH
Input HIGH Current(12)
VDD = 2.6V
VI = VDDQ/GND
±5
µA
IIL
InputLOWCurrent(12)
VDD = 2.6V
VI = GND/VDDQ
——
±5
VIK
ClampDiodeVoltage
VDD = 2.4V, IIN = -18mA
- 0.7
- 1.2
V
VIN
DCInputVoltage
- 0.3
VDDQ + 0.3
V
Single-Ended Inputs(2)
VIH
DC Input HIGH
1.073(10)
—V
VIL
DC Input LOW
0.683(11)
V
DifferentialInputs
VDIF
DCDifferentialVoltage(3,9)
0.2
V
VCM
DC Common Mode Input Voltage(4,9)
825
900
975
mV
VIH
DC Input HIGH(5,6,9)
VREF + 100
mV
VIL
DC Input LOW(5,7,9)
—VREF - 100
mV
VREF
Single-EndedReferenceVoltage(5,9)
900
mV
OutputCharacteristics
VOH
Output HIGH Voltage
IOH = -6mA
VDDQ - 0.4
V
IOH = -100
µAVDDQ - 0.1
V
VOL
OutputLOWVoltage
IOL = 6mA
0.4
V
IOL = 100
µA
0.1
V


Similar Part No. - IDT5T905PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
IDT5T9050PGI IDT-IDT5T9050PGI Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
More results

Similar Description - IDT5T905PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
logo
Integrated Device Techn...
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com