Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N6052 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 2N6052
Description  DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6052 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6052 Datasheet HTML 1Page - ON Semiconductor 2N6052 Datasheet HTML 2Page - ON Semiconductor 2N6052 Datasheet HTML 3Page - ON Semiconductor 2N6052 Datasheet HTML 4Page - ON Semiconductor 2N6052 Datasheet HTML 5Page - ON Semiconductor 2N6052 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6052
http://onsemi.com
4
500
0.1
Figure 7. Small–Signal Current Gain
VR, REVERSE VOLTAGE (VOLTS)
50
1.0
2.0
100
5.0
0.2
0.5
300
100
70
TJ = 25°C
Cib
200
Cob
3000
1.0
Figure 8. Capacitance
f, FREQUENCY (kHz)
30
2.0
5.0
20
50
1000
100
10
10
20
50
2000
1000
500
200
100
50
200
500
2N6052
2N6058/2N6059
TC = 25°C
VCE = 3.0 V
IC = 5.0 A
2N6052
2N6058/2N6059


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn